Electronic Components Datasheet Search
  English  ▼

X  

AD9981 Datasheet(PDF) 38 Page - Analog Devices

Part # AD9981
Description  High Performance 10-Bit Display Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9981 Datasheet(HTML) 38 Page - Analog Devices

Back Button AD9981 Datasheet HTML 34Page - Analog Devices AD9981 Datasheet HTML 35Page - Analog Devices AD9981 Datasheet HTML 36Page - Analog Devices AD9981 Datasheet HTML 37Page - Analog Devices AD9981 Datasheet HTML 38Page - Analog Devices AD9981 Datasheet HTML 39Page - Analog Devices AD9981 Datasheet HTML 40Page - Analog Devices AD9981 Datasheet HTML 41Page - Analog Devices AD9981 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
AD9981
Preliminary Technical Data
Rev. 0 | Page 38 of 44
POLARITY STATUS
0x25
7
Hsync0 Polarity
Indicates the polarity of the HSYNC0 input.
Table 62. Detected Hsync0 Polarity Results
Detect
Result
0
Hsync polarity is negative
1
Hsync polarity is positive
0x25
6
Hsync1 Polarity
Indicates the polarity of HSYNC1 input.
Table 63. Detected Hsync1 Polarity Results
Detect
Result
0
Hsync polarity is negative
1
Hsync polarity is positive
0x25
5
Vsync0 Polarity
Indicates the polarity of Vsync0 input.
Table 64. Detected Vsync0 Polarity Results
Detect
Result
0
Vsync polarity is negative
1
Vsync polarity is positive
0x25
4
Vsync1 Polarity
Indicates the polarity of Vsync1 input.
Table 65. Detected Vsync1 Polarity Results
Detect
Result
0
Vsync polarity is negative
1
Vsync polarity is positive
0x25
3
Coast Polarity
Indicates the polarity of the external Coast signal.
Table 66. Detected Coast Polarity Results
Detect
Result
0
Coast polarity is negative
1
Coast polarity is positive
0x25
2
Clamp Polarity
Indicates the polarity of the clamp signal.
Table 67. Detected Clamp Polarity Results
Detect
Result
0
Clamp polarity is negative
1
Clamp polarity is positive
0x25
1
Extraneous Pulses Detection
A second output from the Hsync filter, this status bit
tells whether extraneous pulses are present on the
incoming sync signal. Often extraneous pulses are
used for copy protection, so this status bit can be used
for this purpose.
Table 68. Equalization Pulse Detect Bit
Detect
Result
0
No equalization pulses detected during active
Hsync
1
Equalization pulses detected during active Hsync
HSYNC COUNT
0x26
7:0
Hsyncs/Vsync MSB
The eight MSBs of the 12-bit counter that reports the
number of Hsyncs/Vsync on the active input. This is
useful for determining the mode and is an aid in
setting the PLL divide ratio.
0x27
7:4
Hsyncs/Vsync LSBs
The four LSBs of the 12-bit counter that reports the
number of Hsyncs/Vsync on the active input.
Test Registers
0x28
7:0
Test Register 0
Must be written to 0xBF for proper operation.
0x29
7:0
Test Register 1
Must be written to 0x00 for proper operation.
0x2A
7:0
Test Register 2
Read-only bits for future use.
0x2B
7:0
Test Register 3
Read-only bits for future use.
0x2C
7:0
Test Register 4
Must be written to 0x00 for proper operation.
0x2C
4
Auto-Offset Hold
A bit for controlling whether the auto-offset function
runs continuously or runs once and holds the result.
Continuous updates are recommended because it
allows the AD9981 to compensate for drift-over time,
temperature, and so on. If one-time updates are
preferred, these should be performed every time the
part is powered up and when there is a mode change.
To do a one-time update, first auto-offset must be
enabled (0x1B, Bit 5). Next, this bit (auto-offset hold)
must be set to 1 to let the auto-offset function operate
and settle to a final value. Auto-offset hold should then
be set to 0 to hold the offset values that the auto
circuitry calculates. The AD9981’s auto-offset circuit’s
maxi-mum settle time is 10 updates. For example, if
the update frequency is set to once every 64 Hsyncs,
then the maximum settling time would be 640 Hsyncs
(10 × 64 Hsyncs).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com