Electronic Components Datasheet Search
  English  ▼

X  

AD9981 Datasheet(PDF) 23 Page - Analog Devices

Part # AD9981
Description  High Performance 10-Bit Display Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9981 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9981 Datasheet HTML 19Page - Analog Devices AD9981 Datasheet HTML 20Page - Analog Devices AD9981 Datasheet HTML 21Page - Analog Devices AD9981 Datasheet HTML 22Page - Analog Devices AD9981 Datasheet HTML 23Page - Analog Devices AD9981 Datasheet HTML 24Page - Analog Devices AD9981 Datasheet HTML 25Page - Analog Devices AD9981 Datasheet HTML 26Page - Analog Devices AD9981 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
AD9981
Rev. 0 | Page 23 of 44
TWO-WIRE SERIAL REGISTER MAP
The AD9981 is initialized and controlled by a set of registers, which determine the operating modes. An external controller is employed to
write and read the control registers through the two-wire serial interface port.
Table 12. Control Register Map
Hexadecimal
Address
Read and
Write or
Read Only
Bits
Default
Value
Register Name
Description
0x00
RO
7:0
Chip Revision
An 8-bit register that represents the silicon revision level.
0x01
R/W
7:0
0110 1001
PLL Div MSB
This register is for bits [11:4] of the PLL divider. Larger values
mean the PLL operates at a faster rate. This register should be
loaded first whenever a change is needed. (This will give the PLL
more time to lock.)1
0x02
R/W
7:4
1101 ****
PLL Div LSB
Bits [7:4] LSBs of the PLL Divider Word. Links to the PLL Div MSB
to make a 12-bit register.
1
0x03
R/W
7:6
01** ****
VCO/CPMP
Bits [7:6] VCO Range. Selects VCO frequency range.
(See PLL description).
5:3
**00 1***
Bits [5:3] Charge Pump Current. Varies the current that drives the
low-pass filter. (See PLL description).
2
**** *0**
Bit 2. External Clock Enable.
0x04
R/W
7:3
1000 0***
Phase Adjust
ADC Clock Phase Adjustment. Larger values mean more delay.
(1 LSB = T/32).
0x05
R/W
6:0
*100 0000
Red Gain MSBs
7-Bit Red Channel Gain Control. Controls ADC input range
(contrast) of each respective channel. Bigger values give less
contrast.
0x06
R/W
7:0
00** ****
Red Gain LSBs
Linked with Register 0x05 to form the 9-bit red gain that controls
the ADC input range (contrast) of the red channel. A lower value
corresponds to a higher gain.
1
0x07
R/W
6:0
*100 0000
Green Gain
MSBs
7-Bit Green Channel Gain Control. Controls ADC input range
(contrast) of each respective channel. Bigger values give less
contrast.
0x08
R/W
7:0
00** ****
Green Gain LSBs
Linked to Register 0x07 to form the 9-bit green gain that controls
the ADC input range (contrast) of the green channel. A lower
value corresponds to a higher gain.
1
0x09
R/W
6:0
*100 0000
Blue Gain MSBs
7-Bit Blue Channel Gain Control. Controls ADC input range
(contrast) of each respective channel. Bigger values give less
contrast.
0x0A
R/W
7:0
00** ****
Blue Gain LSBs
Linked to Register 0x09 to form the 9-bit blue gain that controls
the ADC input range (contrast) of the blue channel. A lower value
corresponds to a higher gain.
1
0x0B
R/W
7:0
0100 0000
Red Offset MSBs
8-Bit MSBs of the Red Channel Offset Control. Controls dc offset
(brightness) of each respective channel. Bigger values decrease
brightness.
1
0x0C
R/W
7
000* ****
Red Offset LSBs
Linked to Register 0x0B to form the 11-bit red offset that controls
the dc offset (brightness) of the red channel in auto-offset mode.
0x0D
R/W
7:0
0100 0000
Green Offset
MSBs
8-Bit MSBs of the Green Channel Offset Control. Controls dc
offset (brightness) of each respective channel. Bigger values
decrease brightness.
1
0x0E
R/W
7
000* ****
Green Offset
LSBs
Linked to Register 0x0D to form the 11-bit green offset that
controls the dc offset (brightness) of the green channel in auto-
offset mode.
0x0F
R/W
7:0
0100 0000
Blue Offset MSBs
8-Bit MSBs of the Red Channel Offset Control. Controls dc offset
(brightness) of each respective channel. Bigger values decrease
brightness.
1
0x10
R/W
7
000* ****
Blue Offset LSBs
Linked to Register 0x0F to form the 11-bit blue offset which
controls the dc offset (brightness) of the blue channel in auto-
offset mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com