Electronic Components Datasheet Search
  English  ▼

X  

AD9981 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9981
Description  High Performance 10-Bit Display Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9981 Datasheet(HTML) 1 Page - Analog Devices

  AD9981 Datasheet HTML 1Page - Analog Devices AD9981 Datasheet HTML 2Page - Analog Devices AD9981 Datasheet HTML 3Page - Analog Devices AD9981 Datasheet HTML 4Page - Analog Devices AD9981 Datasheet HTML 5Page - Analog Devices AD9981 Datasheet HTML 6Page - Analog Devices AD9981 Datasheet HTML 7Page - Analog Devices AD9981 Datasheet HTML 8Page - Analog Devices AD9981 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
High Performance
10-Bit Display Interface
AD9981
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
10-bit analog-to-digital converter
95 MSPS maximum conversion rate
9% or less p-p PLL clock jitter at 95 MSPS
Automated offset adjustment
2:1 input mux
Power-down via dedicated pin or serial register
4:4:4, 4:2:2, and DDR output format modes
Variable output drive strength
Odd/even field detection
External clock input
Regenerated Hsync output
Programmable output high impedance control
Hsyncs per Vsyncs counter
Pb-free package
APPLICATIONS
Advanced TVs
Plasma display panels
LCDTV
HDTV
RGB graphics processing
LCD monitors and projectors
Scan converters
FUNCTIONAL BLOCK DIAGRAM
REDOUT
GREENOUT
BLUEOUT
SYNC
PROCESSING
PLL
POWER
MANAGEMENT
SOGOUT
O/E FIELD
HSOUT
VSOUT/A0
VOLTAGE
REFS
SERIAL REGISTER
SDA
SCL
FILT
CLAMP
EXTCLK/COAST
HSYNC2
HSYNC1
AD9981
CLAMP
10
CLAMP
10
CLAMP
10
10
10
10
10
10
10
10-BIT
ADC
REFHI
REFCM
REFLO
DATACK
AUTO OFFSET
AUTO OFFSET
AUTO OFFSET
10-BIT
ADC
10-BIT
ADC
PGA
PGA
PGA
2:1
MUX
PR/REDIN0
PR/REDIN1
2:1
MUX
Y/GREENIN0
Y/GREENIN1
2:1
MUX
PB/BLUEIN0
PB/BLUEIN1
2:1
MUX
VSYNC2
VSYNC1
2:1
MUX
SOGIN2
SOGIN1
2:1
MUX
Figure 1.
GENERAL DESCRIPTION
The AD9981 is a complete, 10-bit, 95 MSPS, monolithic analog
interface optimized for capturing YPbPr video and RGB
graphics signals. Its 95 MSPS encode rate capability and full-
power analog bandwidth of 200 MHz supports all HDTV
video modes and graphics resolutions up to XGA (1024 × 768
at 85 Hz).
The AD9981 includes a 95 MHz triple ADC with an internal
reference, a PLL, programmable gain, offset, and clamp controls.
The user provides only 3.3 V and 1.8 V power supplies and an
analog input. Three-state CMOS outputs may be powered from
1.8 V to 3.3 V.
The AD9981’s on-chip PLL generates a sample clock from
the three-level sync (for YPbPr video) or the horizontal sync
(for RGB graphics). Sample clock output frequencies range from
10 MHz to 95 MHz. PLL clock jitter is 9% or less p-p typical at
95 MSPS.
With internal Coast generation, the PLL maintains its output
frequency in the absence of sync input. A 32-step sampling
clock phase adjustment is provided. Output data, sync, and
clock phase relationships are maintained.
The auto-offset feature can be enabled to automatically restore
the signal reference levels and to automatically calibrate out any
offset differences between the three channels. The AD9981 also
offers full sync processing for composite sync and sync-on-
green applications. A clamp signal is generated internally or
may be provided by the user through the CLAMP input pin.
Fabricated in an advanced CMOS process, the AD9981 is
provided in a space-saving, 80-pin, Pb-free, LQFP surface
mount plastic package. It is specified over the 0°C to +70°C
temperature range.


Similar Part No. - AD9981

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9981 AD-AD9981_15 Datasheet
973Kb / 44P
High Performance 10-Bit Display Interface
REV. 0
More results

Similar Description - AD9981

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9980 AD-AD9980 Datasheet
967Kb / 44P
High Performance 8-Bit Display Interface
1/05-Revision 0
AD9983A AD-AD9983A Datasheet
784Kb / 44P
High Performance 8-Bit Display Interface
logo
Microchip Technology
PIC18CXX2 MICROCHIP-PIC18CXX2_01 Datasheet
4Mb / 305P
High Performance Microcontrollers with 10-bit A/D
2001
logo
Analog Devices
AD9984A AD-AD9984A Datasheet
844Kb / 44P
High Performance 10-Bit Display Interface
7/07-Revision 0
logo
Microchip Technology
PIC18CXX2 MICROCHIP-PIC18CXX2_13 Datasheet
4Mb / 304P
High Performance Microcontrollers with 10-bit A/D
11/29/12 1999-2013
logo
Analog Devices
AD9750 AD-AD9750_15 Datasheet
297Kb / 22P
10-Bit, 125 MSPS High Performance
REV. 0
AD9980 AD-AD9980_15 Datasheet
967Kb / 44P
High Performance 8-Bit Display Interface
REV. 0
AD9981 AD-AD9981_15 Datasheet
973Kb / 44P
High Performance 10-Bit Display Interface
REV. 0
AD9983A AD-AD9983A_15 Datasheet
916Kb / 44P
High Performance 8-Bit Display Interface
REV. 0
AD9984A AD-AD9984A_15 Datasheet
845Kb / 44P
High Performance 10-Bit Display Interface
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com