Electronic Components Datasheet Search
  English  ▼

X  

AD9981 Datasheet(PDF) 22 Page - Analog Devices

Part # AD9981
Description  High Performance 10-Bit Display Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9981 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9981 Datasheet HTML 18Page - Analog Devices AD9981 Datasheet HTML 19Page - Analog Devices AD9981 Datasheet HTML 20Page - Analog Devices AD9981 Datasheet HTML 21Page - Analog Devices AD9981 Datasheet HTML 22Page - Analog Devices AD9981 Datasheet HTML 23Page - Analog Devices AD9981 Datasheet HTML 24Page - Analog Devices AD9981 Datasheet HTML 25Page - Analog Devices AD9981 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
AD9981
Preliminary Technical Data
Rev. 0 | Page 22 of 44
Mode Descriptions
•
4:4:4—All channels come out with their 10 data bits at the
same time. Data is aligned to the negative edge of the clock
for easy capture. This is the normal 30-bit output mode for
RGB or 4:4:4 YCbCr.
•
4:2:2—Red and green channels contain 4:2:2 formatted
data (20 pins) with Y data on the green channel and Cb, Cr
data on the red channel. Data is aligned to the negative
edge of the clock. The blue channel contains the secondary
channel with Cb, Y, Cr, Y formatted 4:2:2 DDR data. The
data edges are aligned to both edges of the pixel clock, so
use of the 90° clock may be necessary to capture the DDR
data.
•
4:4:4 DDR—This mode puts out full 4:4:4 data on 15 bits of
the red and green channels, thus saving 15 pins. The first
half (RGB [14:0]) of the 30-bit data is sent on the rising
edge and the second half (RGB [29:15]) is sent on the
falling edge. DDR 4:2:2 data is sent on the blue channel, as
in 4:2:2 mode.
RGB [29:0] = R [9:0] + G [9:0] + B [9:0], so RGB [29:15] =
R [9:0] + G [9:5] and RGB [14:0] = G [4:0] + B [9:0]
Table 11. Output Formats
Port
Red
Green
Blue
Bit
9
8
7
6
5
4
3
2
1
0
9
8
7
6
5
4
3
2
1
0
9
8
7
6
5
4
3
2
1
0
4:4:4
Red/Cr
Green/Y
Blue/Cb
4:2:21
Cb, Cr
Y
DDR 4:2:2
↑ Cb, Cr ↓ Y,Y
DDR
↑2 G [4:0]
DDR
↑ B [9:0]
N/A
DDR 4:2:2
↑ Cb,Cr
4:4:4
DDR
DDR
↓ R [9:0]
DDR
↓ G [9:5]
N/A
DDR 4:2:2
↓ Y,Y
1 For 4:2:2 modes, the first item in the list is the first pixel after Hsync.
2 Arrows in the table indicate clock edge. Rising edge of clock =
↑, falling edge = ↓.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com