Electronic Components Datasheet Search
  English  ▼

X  

AD9981 Datasheet(PDF) 14 Page - Analog Devices

Part # AD9981
Description  High Performance 10-Bit Display Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9981 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9981 Datasheet HTML 10Page - Analog Devices AD9981 Datasheet HTML 11Page - Analog Devices AD9981 Datasheet HTML 12Page - Analog Devices AD9981 Datasheet HTML 13Page - Analog Devices AD9981 Datasheet HTML 14Page - Analog Devices AD9981 Datasheet HTML 15Page - Analog Devices AD9981 Datasheet HTML 16Page - Analog Devices AD9981 Datasheet HTML 17Page - Analog Devices AD9981 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
AD9981
Rev. 0 | Page 14 of 44
PIXEL CLOCK
INVALID SAMPLE TIMES
Figure 6. Pixel Sampling Times
Any jitter in the clock reduces the precision with which the
sampling time can be determined and must also be subtracted
from the stable pixel time. Considerable care has been taken in
the design of the AD9981’s clock generation circuit to minimize
jitter. The clock jitter of the AD9981 is 9% or less of the total
pixel time in all operating modes, making the reduction in the
valid sampling time due to jitter negligible.
The PLL characteristics are determined by the loop filter design,
the PLL charge pump current, and the VCO range setting. The
loop filter design is illustrated in Figure 7. Recommended
settings of the VCO range and charge pump current for VESA
standard display modes are listed in Table 9.
CP
8nF
CZ
80nF
RZ
1.5k
Ω
FILT
PVD
Figure 7. PLL Loop Filter Detail
Four programmable registers are provided to optimize the
performance of the PLL. These registers are
1.
The 12-Bit Divisor Register. The input Hsync frequencies
can accommodate any Hsync as long as the product of the
Hsync and the PLL divisor falls within the operating range
of the VCO. The PLL multiplies the frequency of the Hsync
signal, producing pixel clock frequencies in the range of
10 MHz to 95 MHz. The divisor register controls the exact
multiplication factor. This register may be set to any value
between 2 and 4095 as long as the output frequency is
within range.
2.
The 2-Bit VCO Range Register. To improve the noise
performance of the AD9981, the VCO operating frequency
range is divided into four overlapping regions. The VCO
range register sets this operating range. The frequency
ranges for the four regions are shown in Table 7.
Table 7. VCO Frequency Ranges
PV1
PV0
Pixel Clock
Range (MHz)
KVCO
Gain (MHz/V)
0
0
10–21
150
0
1
21–42
150
1
0
42–84
150
1
1
84-95
150
3.
The 3-Bit Charge Pump Current Register. This register
varies the current that drives the low-pass loop filter. The
possible current values are listed in Table 8.
Table 8. Charge Pump Current/Control Bits
Ip2
Ip1
Ip0
Current (µA)
0
0
0
50
0
0
1
100
0
1
0
150
0
1
1
250
1
0
0
350
1
0
1
500
1
1
0
750
1
1
1
1500
4.
The 5-Bit Phase Adjust Register. The phase of the gen-
erated sampling clock may be shifted to locate an optimum
sampling point within a clock cycle. The phase adjust
register provides 32 phase-shift steps of 11.25° each. The
Hsync signal with an identical phase shift is available
through the HSOUT pin. Phase adjust is still available if an
external pixel clock is used. The COAST pin or the internal
Coast is used to allow the PLL to continue to run at the
same frequency in the absence of the incoming Hsync
signal or during disturbances in Hsync (such as from
equalization pulses). This may be used during the vertical
sync period or at any other time that the Hsync signal is
unavailable. The polarity of the Coast signal may be set
through the Coast polarity register (Register 0x18,
Bits [6:5]). Also, the polarity of the Hsync signal may
be set through the Hsync polarity register (Register 0x12,
Bits [5:4]). For both Hsync and Coast, a value of 1 is active
high. The internal Coast function is driven off the Vsync
signal, which is typically a time when Hsync signals may be
disrupted with extra equalization pulses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com