Electronic Components Datasheet Search
  English  ▼

X  

AD9981 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9981
Description  High Performance 10-Bit Display Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9981 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9981 Datasheet HTML 6Page - Analog Devices AD9981 Datasheet HTML 7Page - Analog Devices AD9981 Datasheet HTML 8Page - Analog Devices AD9981 Datasheet HTML 9Page - Analog Devices AD9981 Datasheet HTML 10Page - Analog Devices AD9981 Datasheet HTML 11Page - Analog Devices AD9981 Datasheet HTML 12Page - Analog Devices AD9981 Datasheet HTML 13Page - Analog Devices AD9981 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
AD9981
Rev. 0 | Page 10 of 44
Pin
Description
POWER SUPPLY
VD (3.3 V)
Main Power Supply.
These pins supply power to the main elements of the circuit. They should be as quiet and filtered as possible.
VDD (1.8 V–3.3 V)
Digital Output Power Supply.
A large number of output pins (up to 35) switching at high speed (up to 95 MHz) generate a lot of power supply
transients (noise). These supply pins are identified separately from the VD pins, so special care can be taken to
minimize output noise transferred into the sensitive analog circuitry. If the AD9981 is interfacing with lower voltage
logic, VDD may be connected to a lower supply voltage (as low as 1.8 V) for compatibility.
PVD (1.8 V)
Clock Generator Power Supply.
The most sensitive portion of the AD9981 is the clock generation circuitry. These pins provide power to the clock PLL
and help the user design for optimal performance. The designer should provide quiet, noise-free power to these pins.
DAVDD (1.8 V)
Digital Input Power Supply. This supplies power to the digital logic.
GND
Ground.
The ground return for all circuitry on-chip. It is recommended that the AD9981 be assembled on a single solid ground
plane, with careful attention to ground current paths.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com