Electronic Components Datasheet Search
  English  ▼

X  

AD9981 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9981
Description  High Performance 10-Bit Display Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9981 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9981 Datasheet HTML 3Page - Analog Devices AD9981 Datasheet HTML 4Page - Analog Devices AD9981 Datasheet HTML 5Page - Analog Devices AD9981 Datasheet HTML 6Page - Analog Devices AD9981 Datasheet HTML 7Page - Analog Devices AD9981 Datasheet HTML 8Page - Analog Devices AD9981 Datasheet HTML 9Page - Analog Devices AD9981 Datasheet HTML 10Page - Analog Devices AD9981 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
AD9981
Rev. 0 | Page 7 of 44
Pin Type
Mnemonic
Function
Value
Pin No.
HSOUT
Hsync Output Clock (Phase-Aligned with DATACK)
3.3 V CMOS
23
VSOUT
Vsync Output Clock
3.3 V CMOS
222
SOGOUT
Sync-on-Green Slicer Output
3.3 V CMOS
24
O/E FIELD
Odd/Even Field Output
3.3V CMOS
21
References
FILT
Connection for External Filter Components for Internal PLL
78
REFLO
Connection for External Capacitor for Input Amplifier
18
REFCM
Connection for External Capacitor for Input Amplifier
19
REFHI
Connection for External Capacitor for Input Amplifier
20
Power Supply
VD
Analog Power Supply
3.3 V
1, 5, 9, 13
VDD
Output Power Supply
1.8 V or 3.3 V
26, 38, 52, 64
PVD
PLL Power Supply
1.8 V
74, 76, 79
DAVDD
Digital Logic Power Supply
1.8 V
41
GND
Ground
0 V
3, 7, 11, 15, 27,
39, 40, 53, 65,
75, 77, 80
Control
SDA
Serial Port Data I/O
3.3 V CMOS
66
SCL
Serial Port Data Clock (100 kHz maximum)
3.3 V CMOS
67
A0
Serial Port Address Input
3.3 V CMOS
22
2
1 EXTCLK and COAST share the same pin.
2 VSOUT and A0 share the same pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com