Electronic Components Datasheet Search
  English  ▼

X  

AD9705-EB Datasheet(PDF) 34 Page - Analog Devices

Part # AD9705-EB
Description  8-/10-/12-/14-Bit, 175 MSPS TxDAC D/A Converters
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9705-EB Datasheet(HTML) 34 Page - Analog Devices

Back Button AD9705-EB Datasheet HTML 30Page - Analog Devices AD9705-EB Datasheet HTML 31Page - Analog Devices AD9705-EB Datasheet HTML 32Page - Analog Devices AD9705-EB Datasheet HTML 33Page - Analog Devices AD9705-EB Datasheet HTML 34Page - Analog Devices AD9705-EB Datasheet HTML 35Page - Analog Devices AD9705-EB Datasheet HTML 36Page - Analog Devices AD9705-EB Datasheet HTML 37Page - Analog Devices AD9705-EB Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
AD9704/AD9705/AD9706/AD9707
Rev. 0 | Page 34 of 52
REFERENCE OPERATION
The AD970x contains an internal 1.0 V band gap reference.
The internal reference can be disabled by writing a Logic 1 to
Register 0x00, Bit 0 (EXREF) in the SPI.
To use the internal reference, decouple the REFIO pin to ACOM
with a 0.1 μF capacitor, enable the internal reference, and write
a Logic 0 to Register 0x00, Bit 0 in the SPI. (Note that this is the
default configuration.) The internal reference voltage is present
at REFIO. If the voltage at REFIO is to be used anywhere else in
the circuit, an external buffer amplifier with an input bias
current of less than 100 nA should be used. An example of the
use of the internal reference is shown in Figure 79.
CURRENT
SCALING
x32
AD9704/AD9705/
AD9706/AD9707
DAC
IOUTFS
RSET
0.1µF
REFIO
IREF
AVSS
FSADJ
VBG
1.0V
+
–
Figure 79. Internal Reference Configuration
REFIO serves as either an input or an output, depending on
whether the internal or an external reference is used. Table 23
summarizes the reference operation.
Table 23. Reference Operation
Reference
Mode
REFIO Pin
Register Setting
Internal
Connect 0.1 μF capacitor
Register 0x00, Bit 0 = 0
(default)
External
Apply external reference
Register 0x00, Bit 0 = 1
(for power saving)
An external reference can be used in applications requiring
tighter gain tolerances or lower temperature drift. Also, a variable
external voltage reference can be used to implement a method
for gain control of the DAC output. The external reference is
applied to the REFIO pin. Note that the 0.1 μF compensation
capacitor is not required. The internal reference can be directly
overdriven by the external reference, or the internal reference
can be powered down. The input impedance of REFIO is 10 kΩ
when powered up and 1 MΩ when powered down.
REFERENCE CONTROL AMPLIFIER
The AD970x contains a control amplifier that regulates the full-
scale output current, IOUTFS. The control amplifier is configured
as a V-I converter, as shown in Figure 79. The output current,
IREF, is determined by the ratio of the VREFIO and an external
resistor, RSET, as stated in Equation 4. IREF is mirrored to the
segmented current sources with the proper scale factor to set
IOUTFS, as stated in Equation 3.
The control amplifier allows a 5:1 adjustment span of IOUTFS
from 1 mA to 5 mA by setting IREF between 31.25 μA and
156.25 μA (RSETbetween 6.4 kΩ and 32 kΩ). The wide adjustment
span of IOUTFS provides several benefits. The first relates directly
to the power dissipation of the AD970x, which is proportional
to IOUTFS (see the Power Dissipation section). The second benefit
relates to the ability to adjust the output over a 14 dB range, which
is useful for controlling the transmitted power.
The small signal bandwidth of the reference control amplifier is
approximately 500 kHz. This allows the device to be used for
low frequency, small signal multiplying applications.
DAC TRANSFER FUNCTION
The AD970x provides complementary current outputs, IOUTA
and IOUTB. IOUTA provides a near full-scale current output,
IOUTFS, when all bits are high (that is, DAC CODE = 2N − 1,
where N = 8, 10, 12, or 14 for the AD9704, AD9705, AD9706,
and AD9707, respectively); while IOUTB, the complementary
output, provides no current. The current output appearing at
IOUTA and IOUTB is a function of both the input code and IOUTFS
and can be expressed as
IOUTA = (DAC CODE/2N) × IOUTFS
(1)
IOUTB = ((2N − 1) − DAC CODE)/2N × IOUTFS
(2)
where DAC CODE = 0 to 2N − 1 (that is, decimal representation).
IOUTFS is a function of the reference current, IREF, which is
nominally set by a reference voltage, VREFIO, and an external
resistor, RSET. It can be expressed as
IOUTFS = 32 × IREF
(3)
where
IREF = VREFIO/RSET
(4)
The two current outputs typically drive a resistive load directly
or via a transformer. If dc coupling is required, IOUTA and
IOUTB should be connected to matching resistive loads, RLOAD,
that are tied to analog common, ACOM. The single-ended
voltage output appearing at the IOUTA and IOUTB nodes is
VIOUTA = IOUTA × RLOAD
(5)
VIOUTB = IOUTB × RLOAD
(6)
Note: To achieve the maximum output compliance of 1 V at the
nominal 2 mA output current, RLOAD must be set to 500 Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com