Electronic Components Datasheet Search
  English  ▼

X  

AD9705-EB Datasheet(PDF) 37 Page - Analog Devices

Part # AD9705-EB
Description  8-/10-/12-/14-Bit, 175 MSPS TxDAC D/A Converters
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9705-EB Datasheet(HTML) 37 Page - Analog Devices

Back Button AD9705-EB Datasheet HTML 33Page - Analog Devices AD9705-EB Datasheet HTML 34Page - Analog Devices AD9705-EB Datasheet HTML 35Page - Analog Devices AD9705-EB Datasheet HTML 36Page - Analog Devices AD9705-EB Datasheet HTML 37Page - Analog Devices AD9705-EB Datasheet HTML 38Page - Analog Devices AD9705-EB Datasheet HTML 39Page - Analog Devices AD9705-EB Datasheet HTML 40Page - Analog Devices AD9705-EB Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
AD9704/AD9705/AD9706/AD9707
Rev. 0 | Page 37 of 52
Power dissipation is directly proportional to the analog supply
current, IAVDD, and the digital supply current, IDVDD. IAVDD is equal
to a fixed current plus IOUTFS, as shown in Figure 82. IDVDD is
proportional to fCLOCK and increases with increasing analog
output frequencies. Figure 84 shows IDVDD as a function of full-
scale sine wave output ratios (fOUT/fCLOCK) for various update rates
with DVDD = 3.3 V. ICLKVDD is directly proportional to fCLOCK
and is higher for differential clock operation than for single-
ended operation, as shown in Figure 86. This difference in clock
current is due primarily to the differential clock receiver, which is
disabled in single-ended clock mode.
10
9
8
7
6
5
4
3
2
1
0
12345
IOUTFS (mA)
Figure 82. IAVDD vs. IOUTFS @ AVDD = 3.3 V
0
1.00
1.25
1.50
1.75
2.00
IOUTFS (mA)
1
3
2
4
5
6
Figure 83. IAVDD vs. IOUTFS @ AVDD = 1.8 V
10
9
8
7
6
5
4
3
2
1
0
0.01
0.1
1
fOUT/fCLOCK
175MSPS
125MSPS
75MSPS
10MSPS
25MSPS
Figure 84. IDVDD vs. fOUT/fCLOCK Ratio @ DVDD = 3.3 V
2.5
0
0.01
0.1
1
fOUT/fCLOCK
0.5
1.0
1.5
2.0
2.5
80MSPS
50MSPS
25MSPS
10MSPS
Figure 85. IDVDD vs. fOUT/fCLOCK Ratio @ DVDD = 1.8 V
5
4
3
2
1
0
0
100
50
150
200
fCLOCK (MSPS)
DIFF
SE
Figure 86. ICLKVDD vs. fCLOCK @ CLKVDD = 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com