Electronic Components Datasheet Search
  English  ▼

X  

AD9705-EB Datasheet(PDF) 38 Page - Analog Devices

Part # AD9705-EB
Description  8-/10-/12-/14-Bit, 175 MSPS TxDAC D/A Converters
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9705-EB Datasheet(HTML) 38 Page - Analog Devices

Back Button AD9705-EB Datasheet HTML 34Page - Analog Devices AD9705-EB Datasheet HTML 35Page - Analog Devices AD9705-EB Datasheet HTML 36Page - Analog Devices AD9705-EB Datasheet HTML 37Page - Analog Devices AD9705-EB Datasheet HTML 38Page - Analog Devices AD9705-EB Datasheet HTML 39Page - Analog Devices AD9705-EB Datasheet HTML 40Page - Analog Devices AD9705-EB Datasheet HTML 41Page - Analog Devices AD9705-EB Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
AD9704/AD9705/AD9706/AD9707
Rev. 0 | Page 38 of 52
0
0
20
305070
90
10
40
60
80
fCLOCK (MSPS)
0.2
0.6
0.4
0.8
1.0
1.2
1.4
Figure 87. ICLKVDD vs. fCLOCK (Differential Clock Mode) @ CLKVDD = 1.8 V
Sleep and Power-Down Operation (Pin Mode)
The AD970x has a sleep mode that turns off the output current
and reduces the total power consumed by the device. This mode
is activated by applying a Logic 1 to the SLEEP/CSB pin. The
SLEEP/CSB pin logic threshold is equal to 0.5 × AVDD. This
digital input also contains an active pull-down circuit.
The AD970x takes less than 50 ns to power down and approxi-
mately 5 μs to power back up.
Sleep and Power-Down Operation (SPI Mode)
The AD970x offers three power-down functions that can be
controlled through the SPI. These power-down modes can be
used to minimize the power dissipation of the device. The
power-down functions are controlled through SPI Register 0x00,
Bit 1 to Bit 3. Table 25 summarizes the power-down functions
that can be controlled through the SPI. The power-down mode
can be enabled by writing a Logic 1 to the corresponding bit in
Register 0x00.
Table 25. Power-Down Mode Selection
Power-Down
Mode
(Reg. 0x00)
Bit #
Functional Description
Clock Off
1
Turn off clock
Sleep
2
Turn off output current
Power Down
3
Turn off output current and
internal voltage reference
SELF-CALIBRATION
The AD970x has a self-calibration feature that improves the
DNL of the device. Performing a self-calibration on the device
improves device performance in low frequency applications.
The device performance in applications where the analog
output frequencies are above 1 MHz are generally influenced
more by dynamic device behavior than by DNL, and in these
cases, self-calibration is unlikely to provide any benefits for
single-tones, as shown in Figure 88. Figure 89 shows that self-
calibration is helpful up to 20 MHz for two-tone IMD spaced
10 kHz apart.
88
86
84
82
80
78
00.2
0.4
0.6
fOUT (MHz)
0.8
CALIBRATED
UNCALIBRATED
Figure 88. AD9707 SFDR vs. fOUT @ 175 MSPS and IOUTFS = 2 mA
88
87
86
85
84
83
82
81
80
78
79
0
5
10
15
20
LOWER
fOUT (MHz)
CALIBRATED
UNCALIBRATED
Figure 89. IMD vs. fOUT @ 175 MSPS and IOUTFS = 2 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com