Electronic Components Datasheet Search
  English  ▼

X  

AD9705-EB Datasheet(PDF) 15 Page - Analog Devices

Part # AD9705-EB
Description  8-/10-/12-/14-Bit, 175 MSPS TxDAC D/A Converters
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9705-EB Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9705-EB Datasheet HTML 11Page - Analog Devices AD9705-EB Datasheet HTML 12Page - Analog Devices AD9705-EB Datasheet HTML 13Page - Analog Devices AD9705-EB Datasheet HTML 14Page - Analog Devices AD9705-EB Datasheet HTML 15Page - Analog Devices AD9705-EB Datasheet HTML 16Page - Analog Devices AD9705-EB Datasheet HTML 17Page - Analog Devices AD9705-EB Datasheet HTML 18Page - Analog Devices AD9705-EB Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 52 page
background image
AD9704/AD9705/AD9706/AD9707
Rev. 0 | Page 15 of 52
TYPICAL PERFORMANCE CHARACTERISTICS
AD9707
VDD = 3.3 V, IOUTFS = 2 mA, unless otherwise noted.
110
fOUT (MHz)
100
45
50
55
60
65
70
75
80
85
90
95
125MSPS
175MSPS
65MSPS
10MSPS
Figure 7. SFDR vs. fOUT
01
234
fOUT (MHz)
5
45
50
55
60
65
70
75
80
85
90
95
Figure 8. SFDR vs. fOUT @ 10 MSPS
0
5
10
15
20
35
25
30
fOUT (MHz)
45
50
55
60
65
70
75
80
85
90
95
Figure 9. SFDR vs. fOUT @ 65 MSPS
0
10
203040
65
50
60
5
152535
4555
fOUT (MHz)
45
50
55
60
65
70
75
80
85
90
95
Figure 10. SFDR vs. fOUT @ 125 MSPS
fOUT (MHz)
45
0
1020304050607080
50
55
60
65
70
75
80
85
90
95
Figure 11. SFDR vs. fOUT @ 175 MSPS
fOUT (MHz)
45
0
102030405060
7080
50
55
60
65
70
75
80
85
90
95
5mA
1mA
2mA
Figure 12. SFDR vs. fOUT and IOUTFS @ 175 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com