Electronic Components Datasheet Search
  English  ▼

X  

AD9705-EB Datasheet(PDF) 30 Page - Analog Devices

Part # AD9705-EB
Description  8-/10-/12-/14-Bit, 175 MSPS TxDAC D/A Converters
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9705-EB Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9705-EB Datasheet HTML 26Page - Analog Devices AD9705-EB Datasheet HTML 27Page - Analog Devices AD9705-EB Datasheet HTML 28Page - Analog Devices AD9705-EB Datasheet HTML 29Page - Analog Devices AD9705-EB Datasheet HTML 30Page - Analog Devices AD9705-EB Datasheet HTML 31Page - Analog Devices AD9705-EB Datasheet HTML 32Page - Analog Devices AD9705-EB Datasheet HTML 33Page - Analog Devices AD9705-EB Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 52 page
background image
AD9704/AD9705/AD9706/AD9707
Rev. 0 | Page 30 of 52
A logic high on Pin 17 (PIN/SPI/RESET), followed by a logic
low, resets the SPI port timing to the initial state of the
instruction cycle. This is true regardless of the present state of
the internal registers or the other signal levels present at the
inputs to the SPI port. If the SPI port is in the midst of an
instruction cycle or a data transfer cycle, none of the present
data is written.
The remaining SCLK edges are for Phase 2 of the communication
cycle. Phase 2 is the actual data transfer between the AD970x
and the system controller. Phase 2 of the communication cycle
is a transfer of one, two, three, or four data bytes, as determined
by the instruction byte. Using one multibyte transfer is the
preferred method. Single byte data transfers are useful to reduce
CPU overhead when register access requires one byte only.
Registers change immediately upon writing to the last bit of
each transfer byte.
Instruction Byte
The instruction byte contains the information shown in the
following bit map:
MSB
LSB
7
6
5
4
3
2
1
0
R/W
N1
N0
A4
A3
A2
A1
A0
R/W, Bit 7 of the instruction byte, determines whether a read or
a write data transfer occurs after the instruction byte write. Logic 1
indicates a read operation. Logic 0 indicates a write operation.
N1 and N0, Bit 6 and Bit 5 of the instruction byte, determine the
number of bytes to be transferred during the data transfer cycle.
The bit decodes are shown in Table 13.
A4, A3, A2, A1, and A0, which are Bit 4, Bit 3, Bit 2, Bit 1, and
Bit 0 of the instruction byte, respectively, determine which register
is accessed during the data transfer portion of the communication
cycle. For multibyte transfers, this address is the starting byte
address. The remaining register addresses are generated by the
AD970x, based on the DATADIR bit (Register 0x00, Bit 6).
Table 13. Byte Transfer Count
N1
N0
Description
0
0
Transfer 1 byte
0
1
Transfer 2 bytes
1
0
Transfer 3 bytes
1
1
Transfer 4 bytes
Serial Interface Port Pin Descriptions
SCLK—Serial Clock.
The serial clock pin is used to synchronize
data to and from the AD970x and to run the internal state
machines. The SCLK maximum frequency is 20 MHz. All data
input to the AD970x is registered on the rising edge of SCLK.
All data is driven out of the AD970x on the falling edge of SCLK.
CSB—Chip Select.
Active low input starts and gates a communica-
tion cycle. It allows more than one device to be used on the same
serial communications lines. The SDIO pin goes to a high imped-
ance state when this input is high. Chip select should stay low
during the entire communication cycle.
SDIO—Serial Data I/O.
This pin is used as a bidirectional data
line to transmit and receive data.
MSB/LSB Transfers
The AD970x serial port can support both most significant bit
(MSB) first or least significant bit (LSB) first data formats. This
functionality is controlled by the DATADIR bit (Register 0x00,
Bit 6). The default is MSB first (DATADIR = 0).
When DATADIR = 0 (MSB first), the instruction and data bytes
must be written from most significant bit to least significant bit.
Multibyte data transfers in MSB first format start with an
instruction byte that includes the register address of the most
significant data byte. Subsequent data bytes should follow in
order from high address to low address. In MSB first mode, the
serial port internal byte address generator decrements for each
data byte of the multibyte communication cycle.
When DATADIR = 1 (LSB first), the instruction and data bytes
must be written from least significant bit to most significant bit.
Multibyte data transfers in LSB first format start with an instruction
byte that includes the register address of the least significant data
byte followed by multiple data bytes. The serial port internal byte
address generator increments for each byte of the multibyte
communication cycle.
The AD970x serial port controller data address decrements
from the data address written toward 0x00 for multibyte I/O
operations if the MSB first mode is active. The serial port
controller address increments from the data address written
toward 0x1F for multibyte I/O operations if the LSB first mode
is active.
Notes on Serial Port Operation
The AD970x serial port configuration is controlled by
Register 0x00, Bit 7. It is important to note that the configuration
changes immediately upon writing to the last bit of the register.
For multibyte transfers, writing to this register can occur during
the middle of communication cycle. Care must be taken to
compensate for this new configuration for the remaining bytes
of the current communication cycle.
The same considerations apply to setting the software reset,
SWRST (Register 0x00, Bit 5). All registers are set to their default
values except Register 0x00, which remains unchanged.
Use of single byte transfers is recommended when changing
serial port configurations or initiating a software reset to
prevent unexpected device behavior.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com