Electronic Components Datasheet Search
  English  ▼

X  

CS4525 Datasheet(PDF) 48 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital TV Amplifier with Integrated ADC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 48 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 44Page - Cirrus Logic CS4525 Datasheet HTML 45Page - Cirrus Logic CS4525 Datasheet HTML 46Page - Cirrus Logic CS4525 Datasheet HTML 47Page - Cirrus Logic CS4525 Datasheet HTML 48Page - Cirrus Logic CS4525 Datasheet HTML 49Page - Cirrus Logic CS4525 Datasheet HTML 50Page - Cirrus Logic CS4525 Datasheet HTML 51Page - Cirrus Logic CS4525 Datasheet HTML 52Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 91 page
background image
48
DS726A1
CS4525
6.1.9
Interrupt Reporting
The CS4525 has comprehensive interrupt reporting capabilities. Many conditions including SRC lock,
ADC overflow, digital data path overflow, and amplifier errors can cause an interrupt.
The INT output pin is intended to drive an interrupt input pin on a host microcontroller. The INT pin is an
open-drain active-low output and requires an external pull-up for proper operation.
If an interrupt source is un-masked, its occurrence will cause the interrupt output pin to become active. To
enhance flexibility, each interrupt source may be masked such that its occurrence does not cause the in-
terrupt output pin to become active. This masking function is accomplished by clearing an interrupt’s re-
spective mask bit located in the 4 LSB’s of the Interrupt register.
When a specific interrupt condition occurs, it’s respective bit located in the 4 MSB’s of the Interrupt register
will be set to indicate that a change has occurred for the associated interrupt type. When the interrupt reg-
ister is read, the contents of the 4 MSB’s will be cleared. The Int Status register may then be read to de-
termine the current state of the interrupt source.
For specific information regarding interrupt types and reporting, see the Interrupt, Int Status and Amp Er-
ror register descriptions.
6.1.10
Automatic Power Stage Shut-Down
To prevent permanent damage, the CS4525 will automatically shut down its internal PWM power output
stages when a thermal error, PWM power output over-current error, or VP under-voltage condition occurs.
In the shut-down state, all digital functions of the device will operate as normal, however the PWM power
output pins become high-impedance.
The levels of the over-current error, thermal error, and VP under-voltage trip points are listed in the PWM
Power Output Characteristics table on page 20. Automatic shut-down will occur whenever any of these
preset thresholds are crossed.
Once in the shut-down state, the PDnAll bit in the Power Ctrl register must be set and then cleared to
resume normal device operation.
Referenced Control
Register Location
Interrupt Register ................ “Interrupt Register (Address 60h)” on page 82
Int Status Register............... “Interrupt Status Register (Address 61h) - Read Only” on page 84
Amp Error Register ............. “Amplifier Error Status (Address 62h) - Read Only” on page 85
Referenced Control
Register Location
PDnAll ................................. “Power Down (PDnAll)” on page 81



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com