Electronic Components Datasheet Search
  English  ▼

X  

CS4525 Datasheet(PDF) 90 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital TV Amplifier with Integrated ADC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 90 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 83Page - Cirrus Logic CS4525 Datasheet HTML 84Page - Cirrus Logic CS4525 Datasheet HTML 85Page - Cirrus Logic CS4525 Datasheet HTML 86Page - Cirrus Logic CS4525 Datasheet HTML 87Page - Cirrus Logic CS4525 Datasheet HTML 88Page - Cirrus Logic CS4525 Datasheet HTML 89Page - Cirrus Logic CS4525 Datasheet HTML 90Page - Cirrus Logic CS4525 Datasheet HTML 91Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 90 / 91 page
background image
90
DS726A1
CS4525
13.THERMAL CHARACTERISTICS
13.1
Thermal Flag
This device is designed to have the metal flag on the bottom of the device soldered directly to a metal plane on the
PCB. To enhance the thermal dissipation capabilities of the system, this metal plane should be coupled with vias to
a large metal plane on the backside (and inner ground layer, if applicable) of the PCB.
In either case, it is beneficial to use copper fill in any unused regions inside the PCB layout, especially those imme-
diately surrounding the CS4525. In addition to improving in electrical performance, this practice also aids in heat
dissipation.
The heat dissipation capability required of the metal plane for a given output power can be calculated as follows:
θCA = [(TJ(MAX) - TA) / PD] - θJC
where,
θCA = Thermal resistance of the metal plane in °C/Watt
TJ(MAX) = Maximum rated operating junction temperature in °C, equal to 150 °C
TA = Ambient temperature in °C
PD = RMS power dissipation of the device, equal to 0.15*PRMS (assuming 85% efficiency)
θJC = Junction-to-case thermal resistance of the device in °C/Watt
14.ORDERING INFORMATION
Parameter
Symbol
Min
Typ
Max
Units
Junction to Case Thermal Impedance
θJC
-1
-
°C/Watt
Product
Description
Package
Pb-Free
Grade
Temp Range Container
Order#
CS4525
Digital TV Amp with
Integrated ADC
48-QFN
Yes
Commercial
-10° to +70°C
Rail
CS4525-CNZ
Tape and
Reel
CS4525-CNZR
CRD4525
2x15 W
Reference Design
Board
-
-
-
-
-
CRD4525
CRD4412
1x30 W
Reference Design
Daughter Card
-
-
-
-
-
CRD4412



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com