Electronic Components Datasheet Search
  English  ▼

X  

CS4525 Datasheet(PDF) 58 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital TV Amplifier with Integrated ADC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 58 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 54Page - Cirrus Logic CS4525 Datasheet HTML 55Page - Cirrus Logic CS4525 Datasheet HTML 56Page - Cirrus Logic CS4525 Datasheet HTML 57Page - Cirrus Logic CS4525 Datasheet HTML 58Page - Cirrus Logic CS4525 Datasheet HTML 59Page - Cirrus Logic CS4525 Datasheet HTML 60Page - Cirrus Logic CS4525 Datasheet HTML 61Page - Cirrus Logic CS4525 Datasheet HTML 62Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 91 page
background image
58
DS726A1
CS4525
6.6.3
Right-Justified Data Format
In Right-Justified format, data is received most significant bit first and with the least significant bit present-
ed on the last SCLK before the LRCK transition and is valid on the rising edge of SCLK. For the Right-
Justified format, the left channel data is presented when LRCK is high and the right channel data is pre-
sented when LRCK is low. Either 16 bits per sample or 24 bits per sample are supported.
Left Channel
Right Channel
65432
10
98
7
15 14 13 12 11 10
65
4
3
2
1
0
98
7
15 14 13 12 11 10
SDIN
LRCK
SCLK
Right-Justified Mode, Data Valid on Rising Edge of SCLK
Bits/Sample
Supported SCLK Rate(s)
16
32, 48, 64, 128 Fs
24
48, 64, 128 Fs
Figure 31. Right-Justified Serial Audio Formats



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com