Electronic Components Datasheet Search
  English  ▼

X  

CS4525 Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital TV Amplifier with Integrated ADC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 11Page - Cirrus Logic CS4525 Datasheet HTML 12Page - Cirrus Logic CS4525 Datasheet HTML 13Page - Cirrus Logic CS4525 Datasheet HTML 14Page - Cirrus Logic CS4525 Datasheet HTML 15Page - Cirrus Logic CS4525 Datasheet HTML 16Page - Cirrus Logic CS4525 Datasheet HTML 17Page - Cirrus Logic CS4525 Datasheet HTML 18Page - Cirrus Logic CS4525 Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 91 page
background image
DS726A1
15
CS4525
4. TYPICAL SYSTEM CONFIGURATION DIAGRAMS
Main Tuner
A/V Switch
PIP Tuner
A/V In 1
A/V In 2
A/V In X
Audio
Delay
27 MHz
Crystal In
Crystal Out
2 x 7 W Stereo + 1 x 15 W Subwoofer
Clock
Out
Control Port
MPEG
Decoder
CS4525
PWM_SIG1
PWM_SIG2
Power
Foldback
Aux
Out
Analog In
Digital In
Delay
Port
Gate
Drive
Gate
Drive
Gate
Drive
Gate
Drive
SYS_CLK
Control
Port
Digital Out
Monitor Out
HP/
Line
Out
Left
Speaker
Right
Speaker
Subwoofer
Figure 3. Typical System Configuration 1
Main Tuner
A/V Switch
PIP Tuner
A/V In 1
A/V In 2
A/V In X
Monitor Out
Audio
Delay
Analog
Out
Analog
In
Analog
Out
27 MHz
Crystal In
Crystal Out
CS4525
PWM_SIG1
PWM_SIG2
Gate
Drive
Gate
Drive
Gate
Drive
Gate
Drive
CS4412
PWM In
Status
Out
Subwoofer
2 x 15 W Stereo + 1 x 30 W Subwoofer
Power
Foldback
Aux
Out
Analog In
Digital In
Delay
Port
Gate
Drive
Gate
Drive
Gate
Drive
Gate
Drive
Clock
Out
SYS_CLK
Control
Port
Control
Port
Sound
Processor
Var/Fixed Out
Left
Speaker
Right
Speaker
Figure 4. Typical System Configuration 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com