Electronic Components Datasheet Search
  English  ▼

X  

CS4525 Datasheet(PDF) 54 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital TV Amplifier with Integrated ADC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 54 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 50Page - Cirrus Logic CS4525 Datasheet HTML 51Page - Cirrus Logic CS4525 Datasheet HTML 52Page - Cirrus Logic CS4525 Datasheet HTML 53Page - Cirrus Logic CS4525 Datasheet HTML 54Page - Cirrus Logic CS4525 Datasheet HTML 55Page - Cirrus Logic CS4525 Datasheet HTML 56Page - Cirrus Logic CS4525 Datasheet HTML 57Page - Cirrus Logic CS4525 Datasheet HTML 58Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 91 page
background image
54
DS726A1
CS4525
6.4
Output Filters
The filter placed after the PWM outputs can greatly affect the output performance. The filter not only reduces
radiated EMI (snubber filter), but also filters high frequency content from the switching output before going
to the speaker (low-pass LC filter).
6.4.1
Half-Bridge Output Filter
Figure 25 shows the output filter for a half-bridge configuration. The transient-voltage suppression circuit
(snubber circuit) is comprised of a resistor (20
Ω, ¼ W) and capacitors (220 pF) and should be placed as
close as possible to the corresponding PWM output pin to greatly reduce radiated EMI.
The inductor, L1, and capacitor, C1, comprise the low-pass filter. Along with the nominal load impedance
of the speaker, these values set the cutoff frequency of the filter. Table 15 shows the component values
for L1 and C1 based on nominal speaker (load) impedance for a corner frequency (-3 dB point) of approx-
imately 35 kHz.
C2 is the DC-blocking capacitor. Table 16 shows the component values for C2 based on corner frequency
(-3 dB point) and a nominal speaker (load) impedances of 4
Ω, 6 Ω, and 8 Ω. This capacitor should also
be chosen to have a ripple current rating above the amount of current that will passed through it.
Load
L1
C1
4
Ω
22 µH
1.0 µF
6
Ω
33 µH
0.68 µF
8
Ω
47 µH
0.47 µF
Table 15. Low-Pass Filter Components - Half-Bridge
Load
Corner Frequency
C2
4
Ω
40 Hz
1000 µF
58 Hz
680 µF
120 Hz
330 µF
6
Ω
39 Hz
680 µF
68 Hz
390 µF
120 Hz
220 µF
8
Ω
42 Hz
470 µF
60 Hz
330 µF
110 Hz
180 µF
Table 16. DC-Blocking Capacitors Values - Half-Bridge
OUTx
220 pF
C1
20
Ω
L1
C2
+-
Figure 25. Output Filter - Half-Bridge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com