Electronic Components Datasheet Search
  English  ▼

X  

CS4525 Datasheet(PDF) 79 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital TV Amplifier with Integrated ADC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 79 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 75Page - Cirrus Logic CS4525 Datasheet HTML 76Page - Cirrus Logic CS4525 Datasheet HTML 77Page - Cirrus Logic CS4525 Datasheet HTML 78Page - Cirrus Logic CS4525 Datasheet HTML 79Page - Cirrus Logic CS4525 Datasheet HTML 80Page - Cirrus Logic CS4525 Datasheet HTML 81Page - Cirrus Logic CS4525 Datasheet HTML 82Page - Cirrus Logic CS4525 Datasheet HTML 83Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 91 page
background image
DS726A1
79
CS4525
9.14.4
Independent Channel Mute (MuteChX)
Default = 0
Function:
The PWM outputs of the CS4525 will mute when enabled. The muting function is affected, similar to at-
tenuation changes, by the soft and zero cross bits (SZCMode[1:0]). See “Volume and Muting Control” on
page 36 for more information.
9.15
Limiter Configuration 1 (Address 5Ch)
9.15.1
Maximum Threshold (Max[2:0])
Default = 000
Function:
Sets the maximum level, below full scale, at which to limit and attenuate the output signal at the limiter
attack rate.
9.15.2
Minimum Threshold (Min[2:0])
Default = 000
Function:
Sets a minimum level below full scale at which the limiter will begin to release its applied attenuation.
9.15.3
Peak Signal Limit All Channels (LimitAll)
Default = 1
Function:
When cleared, the peak signal limiter will limit the maximum signal amplitude to prevent clipping on the
specific channel indicating clipping. The other channels will not be affected. When set, the peak signal
MuteChX Setting
Channel X Mute State
0 .......................................... Channel X un-muted.
1 .......................................... Channel X muted.
7
6
5
432
10
Max2
Max1
Max0
Min2
Min1
Min0
LimitAll
EnLimiter
Max[2:0] Setting
Maximum Threshold Setting
000 ...................................... 0.0 dB
001 ...................................... -3.0 dB
010 ...................................... -6.0 dB
011....................................... -9.0 dB
100 ...................................... -12.0 dB
101 ...................................... -18.0 dB
110....................................... -24.0 dB
111 ....................................... -30.0 dB
Min[2:0] Setting
Minimum Threshold Setting
000 ...................................... 0.0 dB
001 ...................................... -3.0 dB
010 ...................................... -6.0 dB
011....................................... -9.0 dB
100 ...................................... -12.0 dB
101 ...................................... -18.0 dB
110....................................... -24.0 dB
111 ....................................... -30.0 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com