Electronic Components Datasheet Search
  English  ▼

X  

ATT3000 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ATT3000
Description  Field-Programmable Gate Arrays
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ATT3000 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ATT3000 Datasheet HTML 1Page - List of Unclassifed Manufacturers ATT3000 Datasheet HTML 2Page - List of Unclassifed Manufacturers ATT3000 Datasheet HTML 3Page - List of Unclassifed Manufacturers ATT3000 Datasheet HTML 4Page - List of Unclassifed Manufacturers ATT3000 Datasheet HTML 5Page - List of Unclassifed Manufacturers ATT3000 Datasheet HTML 6Page - List of Unclassifed Manufacturers ATT3000 Datasheet HTML 7Page - List of Unclassifed Manufacturers ATT3000 Datasheet HTML 8Page - List of Unclassifed Manufacturers ATT3000 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 80 page
background image
Data Sheet
February 1997
ATT3000 Series Field-Programmable Gate Arrays
Lucent Technologies Inc.
3
Architecture
The perimeter of configurable I/O blocks (IOBs) pro-
vides a programmable interface between the internal
logic array and the device package pins. The array of
configurable logic blocks (CLBs) performs user-
specified logic functions. The interconnect resources
are programmed to form networks, carrying logic
signals among blocks, analogous to printed-circuit
board traces connecting MSI/SSI packages.
The blocks’ logic functions are implemented by
programmed look-up tables. Functional options are
implemented by program-controlled multiplexers.
Interconnecting networks between blocks are
implemented with metal segments joined by program-
controlled pass transistors. These functions of the
FPGA are established by a configuration program
which is loaded into an internal, distributed array of
configuration memory cells. The configuration program
is loaded into the FPGA at powerup and may be
reloaded on command. The FPGA includes logic and
control signals to implement automatic or passive
configuration. Program data may be either bit serial or
byte parallel. The ORCA Foundry for ATT3000 Devel-
opment System generates the configuration program
bit stream used to configure the FPGA. The memory
loading process is independent of the user logic func-
tions.
Figure 1. Field-Programmable Gate Array Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com