Electronic Components Datasheet Search
  English  ▼

X  

ATT3000 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # ATT3000
Description  Field-Programmable Gate Arrays
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ATT3000 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  ATT3000 Datasheet HTML 1Page - List of Unclassifed Manufacturers ATT3000 Datasheet HTML 2Page - List of Unclassifed Manufacturers ATT3000 Datasheet HTML 3Page - List of Unclassifed Manufacturers ATT3000 Datasheet HTML 4Page - List of Unclassifed Manufacturers ATT3000 Datasheet HTML 5Page - List of Unclassifed Manufacturers ATT3000 Datasheet HTML 6Page - List of Unclassifed Manufacturers ATT3000 Datasheet HTML 7Page - List of Unclassifed Manufacturers ATT3000 Datasheet HTML 8Page - List of Unclassifed Manufacturers ATT3000 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 80 page
background image
Data Sheet
February 1997
ATT3000 Series Field-Programmable Gate Arrays
Lucent Technologies Inc.
5
I/O Block
Each user-configurable I/O block (IOB), shown in
Figure 3, provides an interface between the external
package pin of the device and the internal user logic.
Each IOB includes both registered and direct input
paths and a programmable 3-state output buffer which
may be driven by a registered or direct output signal.
Configuration options allow each IOB an inversion, a
controlled slew rate, and a high-impedance pull-up.
Each input circuit also provides input clamping diodes
to provide electrostatic protection and circuits to inhibit
latch-up produced by input currents.
The input buffer portion of each IOB provides threshold
detection to translate external signals applied to the
package pin to internal logic levels. The global input-
buffer threshold of the IOB can be programmed to be
compatible with either TTL or CMOS levels. The buff-
ered input signal drives the data input of a storage
element which may be configured as a positive-edge
triggered D flip-flop or a low-level transparent latch. The
sense of the clock can be inverted (negative edge/high
transparent) as long as all IOBs on the same clock net
use the same clock sense. Clock/load signals (IOB pins
.ik and .ok) can be selected from either of two die edge
metal lines. I/O storage elements are reset during con-
figuration or by the active-low chip RESET input. Both
direct input (from IOB pin .i) and registered input (from
IOB pin .q) signals are available for interconnect.
Figure 3. Input/Output Block
5-3102(F)
OUT
INVERT
3-STATE
INVERT
OUTPUT
SELECT
SLEW
RATE
PASSIVE
PULL UP
PROGRAM-CONTROLLED MEMORY CELLS
VCC
OUTPUT
BUFFER
FLIP-
FLOP
D
Q
R
TTL OR
CMOS
INPUT
THRESHOLD
FLIP-
FLOP
Q
D
R
OR
LATCH
.lk
.t
= PROGRAMMABLE INTERCONNECTION POINT OR PIP
CK2
(GLOBAL RESET)
I/O PAD
.o
.i
.q
3-STATE
OUT
DIRECT IN
REGISTERED IN
CK1
PROGRAM-
CONTROLLED
MULTIPLEXER
OUTPUT ENABLE
.ok



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com