Electronic Components Datasheet Search
  English  ▼

X  

ATT3000 Datasheet(PDF) 64 Page - List of Unclassifed Manufacturers

Part # ATT3000
Description  Field-Programmable Gate Arrays
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ATT3000 Datasheet(HTML) 64 Page - List of Unclassifed Manufacturers

Back Button ATT3000 Datasheet HTML 60Page - List of Unclassifed Manufacturers ATT3000 Datasheet HTML 61Page - List of Unclassifed Manufacturers ATT3000 Datasheet HTML 62Page - List of Unclassifed Manufacturers ATT3000 Datasheet HTML 63Page - List of Unclassifed Manufacturers ATT3000 Datasheet HTML 64Page - List of Unclassifed Manufacturers ATT3000 Datasheet HTML 65Page - List of Unclassifed Manufacturers ATT3000 Datasheet HTML 66Page - List of Unclassifed Manufacturers ATT3000 Datasheet HTML 67Page - List of Unclassifed Manufacturers ATT3000 Datasheet HTML 68Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 80 page
background image
Data Sheet
ATT3000 Series Field-Programmable Gate Arrays
February 1997
64
Lucent Technologies Inc.
Electrical Characteristics (continued)
Note: The EPROM requirements in this timing diagram are extremely relaxed; EPROM access time can be longer than 4000 ns. EPROM data
output has no hold time requirements.
Figure 37. Master Parallel Mode Switching Characteristics
Notes:
At powerup, VCC must rise from 2.0 V to VCC minimum in less than 25 ms. If this is not possible, configuration can be delayed by holding RESET
low until VCC has reached 4.0 V. A very long VCC rise time of >100 ms, or a nonmonotonically rising VCC may require a >1 µs high level on
RESET
, followed by >6 µs low level on RESET and D/P after VCC has reached 4.0 V.
Configuration can be controlled by holding RESET low with or until after the INIT of all daisy-chain slave mode devices is high.
Table 27. Master Parallel Mode Switching Characteristics
Signal
Description
Symbol
Min
Max
Unit
RCLK
To Address Valid
To Data Setup
To Data Hold
RCLK High
RCLK Low
1
2
3
—
—
TRAC
TDRC
TRCD
TRCH
TRCL
0
60
0
600
4.0
200
—
—
—
—
ns
ns
ns
ns
µs
A[15:0]
D[7:0]
RCLK
CCLK
(OUTPUT)
ADDRESS FOR BYTE N + 1
ADDRESS FOR BYTE N
(OUTPUT)
DOUT
(OUTPUT)
BYTE N
D6
D7
TRAC
TDRC
TRCD
CCLK
7 CCLKs
BYTE N – 1
2
3
1
5-3128(F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com