Electronic Components Datasheet Search
  English  ▼

X  

ATT3000 Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # ATT3000
Description  Field-Programmable Gate Arrays
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ATT3000 Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button ATT3000 Datasheet HTML 28Page - List of Unclassifed Manufacturers ATT3000 Datasheet HTML 29Page - List of Unclassifed Manufacturers ATT3000 Datasheet HTML 30Page - List of Unclassifed Manufacturers ATT3000 Datasheet HTML 31Page - List of Unclassifed Manufacturers ATT3000 Datasheet HTML 32Page - List of Unclassifed Manufacturers ATT3000 Datasheet HTML 33Page - List of Unclassifed Manufacturers ATT3000 Datasheet HTML 34Page - List of Unclassifed Manufacturers ATT3000 Datasheet HTML 35Page - List of Unclassifed Manufacturers ATT3000 Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 80 page
background image
Data Sheet
ATT3000 Series Field-Programmable Gate Arrays
February 1997
32
Lucent Technologies Inc.
Power
Power Distribution
Power for the FPGA is distributed through a grid to
achieve high noise immunity and isolation between
logic and I/O. Inside the FPGA, a dedicated VCC and
ground ring surrounding the logic array provides power
to the I/O drivers (see Figure 31 below). An indepen-
dent matrix of VCC and ground lines supplies the inte-
rior logic of the device. This power distribution grid
provides a stable supply and ground for all internal
logic, provided that the external package power pins
are all connected and appropriately decoupled. Typi-
cally, a 0.1 µF capacitor connected near the VCC and
ground pins of the package will provide adequate
decoupling.
Output buffers which drive the specified 4 mA loads
under worst-case conditions may drive 25 to 30 times
this amount under best-case process conditions. Noise
can be reduced by minimizing external load capaci-
tance and reducing simultaneous output transitions in
the same direction. It may also be beneficial to locate
heavily loaded output buffers near the ground pads.
The IOB output buffers have a slew-limited mode which
should be used where output rise and fall times are not
speed critical.
Slew-limited outputs maintain their dc drive capability
but generate less external reflections and internal
noise. More than 32 fast outputs should not be switch-
ing in the same direction simultaneously.
Figure 31. FPGA Power Distribution
VCC
VCC
GND
GND
GROUND AND
VCC RING FOR
I/O DRIVERS
LOGIC POWER GRID
5-3122(F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com