Electronic Components Datasheet Search
  English  ▼

X  

ATT3000 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # ATT3000
Description  Field-Programmable Gate Arrays
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ATT3000 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button ATT3000 Datasheet HTML 4Page - List of Unclassifed Manufacturers ATT3000 Datasheet HTML 5Page - List of Unclassifed Manufacturers ATT3000 Datasheet HTML 6Page - List of Unclassifed Manufacturers ATT3000 Datasheet HTML 7Page - List of Unclassifed Manufacturers ATT3000 Datasheet HTML 8Page - List of Unclassifed Manufacturers ATT3000 Datasheet HTML 9Page - List of Unclassifed Manufacturers ATT3000 Datasheet HTML 10Page - List of Unclassifed Manufacturers ATT3000 Datasheet HTML 11Page - List of Unclassifed Manufacturers ATT3000 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 80 page
background image
Data Sheet
ATT3000 Series Field-Programmable Gate Arrays
February 1997
8
Lucent Technologies Inc.
Configurable Logic Block (continued)
5A. Combinatorial Logic Option 1 generates two functions of four
variables each. One variable, A, must be common to both func-
tions. The second and third variables can be any choice among
B, C, Qx, and Qy. The fourth variable can be either D or E.
5B. Combinatorial Logic Option 2 generates any function of five
variables: A, D, E, and two choices among B, C, Qx, Qy.
5C. Combinatorial Logic Option 3 allows variable E to select
between two functions of four variables: both have common
inputs, A and D, and any choice among B, C, Qx, and Qy for
the remaining two variables. Option 3 can then implement
some functions of six or seven variables.
Figure 5. Combinatorial Logic Diagram
Figure 6 shows a modulo 8 binary counter with parallel
enable. It uses one CLB of each type. The partial func-
tions of six or seven variables are implemented by
using the input variable (.e) to dynamically select
between two functions of four different variables. For
the two functions of four variables each, the indepen-
dent results (F and G) may be used as data inputs to
either flip-flop or logic block output. For the single func-
tion of five variables and merged functions of six or
seven variables, the F and G outputs are identical.
Symmetry of the F and G functions and the flip-flops
allows the interchange of CLB outputs to optimize
routing efficiencies of the networks interconnecting
the logic and IOBs.
Figure 6. C8BCP Macro
A
B
C
D
E
QX
QY
ANY FUNCTION
OF UP TO 4
VARIABLES
F
ANY FUNCTION
OF UP TO 4
VARIABLES
G
QY
QX
A
B
C
D
E
ANY FUNCTION
OF 5
VARIABLES
A
B
C
D
E
QX
QY
F
G
A
B
C
D
QX
QY
A
B
C
D
E
QX
QY
F
G
ANY FUNCTION
OF UP TO 4
VARIABLES
ANY FUNCTION
OF UP TO 4
VARIABLES
M
U
X
5A
5B
5C
5-3104(F)
CLOCK
PARALLEL
CLOCK
TERMINAL
COUNT
D0
Q0
D
Q
Q1
D1
D2
Q2
D
Q
FUNCTION OF 6 VARIABLES
D
Q
FUNCTION OF 5 VARIABLES
DUAL FUNCTION OF
ENABLE
ENABLE
4 VARIABLES
5-3105(F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com