Electronic Components Datasheet Search
  English  ▼

X  

ATT3000 Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # ATT3000
Description  Field-Programmable Gate Arrays
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ATT3000 Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button ATT3000 Datasheet HTML 41Page - List of Unclassifed Manufacturers ATT3000 Datasheet HTML 42Page - List of Unclassifed Manufacturers ATT3000 Datasheet HTML 43Page - List of Unclassifed Manufacturers ATT3000 Datasheet HTML 44Page - List of Unclassifed Manufacturers ATT3000 Datasheet HTML 45Page - List of Unclassifed Manufacturers ATT3000 Datasheet HTML 46Page - List of Unclassifed Manufacturers ATT3000 Datasheet HTML 47Page - List of Unclassifed Manufacturers ATT3000 Datasheet HTML 48Page - List of Unclassifed Manufacturers ATT3000 Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 80 page
background image
Data Sheet
February 1997
ATT3000 Series Field-Programmable Gate Arrays
Lucent Technologies Inc.
45
Pin Assignments (continued)
* Indicates unconnected package pins for the ATT3030.
Note: Unprogrammed IOBs have a default pull-up; this prevents an undefined pad level for unbonded or unused IOBs. Programmed outputs
are default slew-limited.
Table 12. ATT3042 and ATT3064 132-Pin PPGA Pinout
132
PPGA
Function
132
PPGA
Function
132
PPGA
Function
C4
GND
F12
I/O
N6
I/O*
A1
PWRDWN
E14
I/O
P5
I/O*
C3
TCLKIN–I/O
F13
I/O
M6
D2–I/O
B2
I/O
F14
I/O
N5
I/O
B3
I/O
G13
I/O
P4
I/O
A2
I/O*
G14
INIT–I/O
P3
I/O
B4
I/O
G12
VCC
M5
D1–I/O
C5
I/O
H12
GND
N4
RCLK–RDY/BUSY–I/O
A3
I/O*
H14
I/O
P2
I/O
A4
I/O
H13
I/O
N3
I/O
B5
I/O
J14
I/O
N2
D0–DIN–I/O
C6
I/O
J13
I/O
M3
DOUT–I/O
A5
I/O
K14
I/O
P1
CCLK
B6
I/O
J12
I/O
M4
VCC
A6
I/O
K13
I/O
L3
GND
B7
I/O
L14
I/O*
M2
A0– WS–I/O
C7
GND
L13
I/O
N1
A1–CS2–I/O
C8
VCC
K12
I/O
M1
I/O
A7
I/O
M14
I/O
K3
I/O
B8
I/O
N14
I/O
L2
A2–I/O
A8
I/O
M13
XTL2–I/O
L1
A3–I/O
A9
I/O
L12
GND
K2
I/O
B9
I/O
P14
RESET
J3
I/O
C9
I/O
M11
VCC
K1
A15–I/O
A10
I/O
N13
DONE– PROG
J2
A4–I/O
B10
I/O
M12
D7–I/O
J1
I/O*
A11
I/O*
P13
XTL1–BCLKIN–I/O
H1
A14–I/O
C10
I/O
N12
I/O
H2
A5–I/O
B11
I/O
P12
I/O
H3
GND
A12
I/O*
N11
D6–I/O
G3
VCC
B12
I/O
M10
I/O
G2
A13–I/O
A13
I/O*
P11
I/O*
G1
A6–I/O
C12
I/O
N10
I/O
F1
I/O*
B13
M1– RDATA
P10
I/O
F2
A12–I/O
C11
GND
M9
D5–I/O
E1
A7–I/O
A14
M0–RTRIG
N9
CS0–I/O
F3
I/O
D12
VCC
P9
I/O*
E2
I/O
C13
M2–I/O
P8
I/O*
D1
A11–I/O
B14
HDC–I/O
N8
D4–I/O
D2
A8–I/O
C14
I/O
P7
I/O
E3
I/O
E12
I/O
M8
VCC
C1
I/O
D13
I/O
M7
GND
B1
A10–I/O
D14
LDC–I/O
N7
D3–I/O
C2
A9–I/O
E13
I/O*
P6
CS1–I/O
D3
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com