Electronic Components Datasheet Search
  English  ▼

X  

ATT3000 Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # ATT3000
Description  Field-Programmable Gate Arrays
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ATT3000 Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button ATT3000 Datasheet HTML 31Page - List of Unclassifed Manufacturers ATT3000 Datasheet HTML 32Page - List of Unclassifed Manufacturers ATT3000 Datasheet HTML 33Page - List of Unclassifed Manufacturers ATT3000 Datasheet HTML 34Page - List of Unclassifed Manufacturers ATT3000 Datasheet HTML 35Page - List of Unclassifed Manufacturers ATT3000 Datasheet HTML 36Page - List of Unclassifed Manufacturers ATT3000 Datasheet HTML 37Page - List of Unclassifed Manufacturers ATT3000 Datasheet HTML 38Page - List of Unclassifed Manufacturers ATT3000 Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 80 page
background image
Data Sheet
February 1997
ATT3000 Series Field-Programmable Gate Arrays
Lucent Technologies Inc.
35
Pin Information (continued)
Table 5. I/O Pins with Special Functions
Symbol
Name/Description
M2
Mode 2. This input has a passive pull-up during configuration. Together with M0 and M1, it is
sampled before the start of configuration to establish the configuration mode to be used. After
configuration, this pin becomes a user-programmable I/O pin.
HDC
High During Configuration. HDC is held at a high level by the FPGA until after configuration. It
is available as a control output indicating that configuration is not yet completed. After
configuration, this pin is a user I/O pin.
LDC
Low During Configuration. This active-low signal is held at a low level by the FPGA until after
configuration. It is available as a control output indicating that configuration is not yet completed.
It is particularly useful in master mode as a low enable for an EPROM. After configuration, this
pin is a user I/O pin. If used as a low EPROM enable, it must be programmed as a high after
configuration.
INIT
This is an active-low, open-drain output which is held low during the power stabilization and
internal clearing of the configuration memory. It can be used to indicate status to a configuring
microprocessor or, as a wired-AND of several slave mode devices, a hold-off signal for a master
mode device. After configuration, this pin becomes a user-programmable I/O pin.
BCLKIN
This is a direct CMOS level input to the alternate clock buffer (auxiliary buffer) in the lower right
corner.
XTL1
This user I/O pin can be used to operate as the output of an amplifier driving an external crystal
and bias circuitry.
XTL2
This user I/O pin can be used as the input of an amplifier connected to an external crystal and
bias circuitry. The I/O block is left unconfigured. The oscillator configuration is activated by
routing a net from the oscillator buffer symbol output and by the ORCA Foundry bit stream
generation program.
CS0
, CS1,
CS2, WS
These four inputs represent a set of signals, three active-low and one active-high, which are
used in the peripheral mode to control configuration data entry. The assertion of all four
generates a write to the internal data buffer. The removal of any assertion clocks in the D[7:0]
data present. In the master parallel mode, WS and CS2 are the A0 and A1 outputs. After
configuration, the pins are user-programmable I/O pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com