Electronic Components Datasheet Search
  English  ▼

X  

LPC804 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # LPC804
Description  32-bit Arm® Cortex®-M0 microcontroller; up to 32 KB flash and 4 KB SRAM; 12-bit ADC; Comparator; 10-bit DAC; Capacitive Touch Interface; Programmable Logic Unit
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC804 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button LPC804 Datasheet HTML 14Page - NXP Semiconductors LPC804 Datasheet HTML 15Page - NXP Semiconductors LPC804 Datasheet HTML 16Page - NXP Semiconductors LPC804 Datasheet HTML 17Page - NXP Semiconductors LPC804 Datasheet HTML 18Page - NXP Semiconductors LPC804 Datasheet HTML 19Page - NXP Semiconductors LPC804 Datasheet HTML 20Page - NXP Semiconductors LPC804 Datasheet HTML 21Page - NXP Semiconductors LPC804 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 89 page
background image
LPC804
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2023. All rights reserved.
Product data sheet
Rev. 2.1 — 25 July 2023
18 of 87
NXP Semiconductors
LPC804
32-bit Arm Cortex-M0+ microcontroller
9.6 Nested Vectored Interrupt Controller (NVIC)
The Nested Vectored Interrupt Controller (NVIC) is part of the Cortex-M0+. The tight
coupling to the CPU allows for low interrupt latency and efficient processing of late arriving
interrupts.
9.6.1 Features
• Nested Vectored Interrupt Controller is a part of the Arm Cortex-M0+.
• Tightly coupled interrupt controller provides low interrupt latency.
• Controls system exceptions and peripheral interrupts.
• Supports 32 vectored interrupts.
• In the LPC804, the NVIC supports vectored interrupts for each of the peripherals and
the eight pin interrupts.
• Four programmable interrupt priority levels with hardware priority level masking.
• Software interrupt generation using the Arm exceptions SVCall and PendSV.
• Supports NMI.
9.6.2 Interrupt sources
Each peripheral device has at least one interrupt line connected to the NVIC but can have
several interrupt flags. Individual interrupt flags can also represent more than one interrupt
source.
9.7 System tick timer
The Arm Cortex-M0+ includes a 24-bit system tick timer (SysTick) that is intended to
generate a dedicated SysTick exception at a fixed time interval (typically 10 ms).
9.8 I/O configuration
The IOCON block controls the configuration of the I/O pins. Each digital or mixed
digital/analog pin with the PIO0_n designator in Table 4 can be configured as follows:
• Enable or disable the weak internal pull-up and pull-down resistors.
• Select a pseudo open-drain mode. The input cannot be pulled up above VDD. The
pins are not 5 V tolerant when VDD is grounded.
• Program the input glitch filter with different filter constants using one of the IOCON
divided clock signals (IOCONCLKCDIV, see Figure 12 “LPC804 clock generation”).
You can also bypass the glitch filter.
• Invert the input signal.
• Hysteresis can be enabled or disabled.
• The switch matrix setting enables the analog input mode on pins with analog and
digital functions. Enabling the analog mode disconnects the digital functionality.
• The LPC804 uses a dual voltage I/O feature. The pins on one side of the package are
supplied by VDDIO and the pins on the other side are supplied by VDD. Each of these
two supplies can be connected to different voltages within the allowed Vdd range.
This feature allows the device to level-shift signals from one off-chip voltage domain to
another.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com