| Electronic Components Datasheet Search |
|
LPC804 Datasheet(PDF) 34 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC804 Datasheet(HTML) 34 Page - NXP Semiconductors |
|
34 / 89 page ![]() LPC804 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2023. All rights reserved. Product data sheet Rev. 2.1 — 25 July 2023 34 of 87 NXP Semiconductors LPC804 32-bit Arm Cortex-M0+ microcontroller Power-down mode reduces power consumption compared to deep-sleep mode at the expense of longer wake-up times. 9.25.4.4 Deep power-down mode In deep power-down mode, power is shut off to the entire chip except for the WAKEUP pins. The LPC804 can wake up from deep power-down mode via eight WAKEUP pins. See Section 9.19. Five general-purpose registers are available to store information during deep power-down mode. The LPC804 can be prevented from entering deep power-down mode by setting a lock bit in the PMU block. Locking out deep power-down mode enables the application to keep the watchdog timer or the BOD running at all times. When entering deep power-down mode, an external pull-up resistor is required on the WAKEUP pins to hold it HIGH. Table 7. Peripheral configuration in reduced power modes Peripheral Sleep mode Deep-sleep mode Power-down mode Deep power-down mode FRO software configurable on off off FRO output software configurable off off off Flash software configurable standby off off BOD software configurable software configurable software configurable off LPOsc/WWDT software configurable software configurable software configurable off Digital peripherals software configurable off off off Wake-up buffers software configurable (cannot be used as wake-up source) software configurable (cannot be used as wake-up source) software configurable (cannot be used as wake-up source) software configurable ADC software configurable off off off DAC software configurable off off off Capacitive Touch software configurable software configurable software configurable off WKT/low-power oscillator software configurable software configurable software configurable off Comparator software configurable off off off PLU off off off off |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |