Electronic Components Datasheet Search
  English  ▼

X  

LPC804 Datasheet(PDF) 48 Page - NXP Semiconductors

Part # LPC804
Description  32-bit Arm® Cortex®-M0 microcontroller; up to 32 KB flash and 4 KB SRAM; 12-bit ADC; Comparator; 10-bit DAC; Capacitive Touch Interface; Programmable Logic Unit
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC804 Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button LPC804 Datasheet HTML 44Page - NXP Semiconductors LPC804 Datasheet HTML 45Page - NXP Semiconductors LPC804 Datasheet HTML 46Page - NXP Semiconductors LPC804 Datasheet HTML 47Page - NXP Semiconductors LPC804 Datasheet HTML 48Page - NXP Semiconductors LPC804 Datasheet HTML 49Page - NXP Semiconductors LPC804 Datasheet HTML 50Page - NXP Semiconductors LPC804 Datasheet HTML 51Page - NXP Semiconductors LPC804 Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 89 page
background image
LPC804
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2023. All rights reserved.
Product data sheet
Rev. 2.1 — 25 July 2023
48 of 87
NXP Semiconductors
LPC804
32-bit Arm Cortex-M0+ microcontroller
[1] Typical ratings are not guaranteed. The values listed are for room temperature (25 C), nominal supply voltages.
[2] Based on characterization. Not tested in production.
[3] Allowed as long as the current limit does not exceed the maximum current allowed by the device.
[4] Pull-up and pull-down currents are measured across the weak internal pull-up/pull-down resistors. See Figure 20.
IOZ
OFF-state output
current
VO = 0 V; VO = VDD; on-chip
pull-up/down resistors disabled
-
0.5
10[2]
nA
VI
input voltage
VDD  1.8 V
0
-
5.0
V
VDD = 0 V
0
-
3.6
V
VO
output voltage
output active
0
-
VDD
V
VIH
HIGH-level input
voltage
0.7VDD
-
-
V
VIL
LOW-level input voltage
-
-
0.3VDD V
Vhys
hysteresis voltage
-
0.4
-
V
VOH
HIGH-level output
voltage
IOH = 20 mA; 2.5 V <= VDD < 3.6 V
VDD  0.6 -
-
V
IOH = 12 mA; 1.71 V <= VDD < 2.5 V
VDD  0.6 -
-
V
VOL
LOW-level output
voltage
IOL = 4 mA; 2.5 V <= VDD <= 3.6 V
IOL = 3 mA; 1.71 V <= VDD < 2.5 V
-
-
0.5
V
IOH
HIGH-level output
current
VOH = VDD  0.6 V;
2.5 V <= VDD < 3.6 V
20
-
-
mA
VOH = VDD  0.6 V;
1.71 V <= VDD < 2.5 V
12
-
-
mA
IOL
LOW-level output
current
VOL = 0.5 V
2.5 V  VDD  3.6 V
4
-
-
mA
1.71 V  VDD < 2.5 V
3
-
-
mA
IOLS
LOW-level short-circuit
output current
VOL = VDD
[3] -
-
50
mA
Ipd
pull-down current
VI = 5 V
[4] 10
50
150
A
Ipu
pull-up current
VI = 0 V;
[4]
A
2.0 V  VDD  3.6 V
10
50
90
A
1.71 V  VDD < 2.0 V
7
50
85
A
VDD < VI < 5 V
0
0
0
A
Table 14. Static characteristics, electrical pin characteristics …continued
Tamb = 40 C to +105 C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com