Electronic Components Datasheet Search
  English  ▼

X  

LPC804 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # LPC804
Description  32-bit Arm® Cortex®-M0 microcontroller; up to 32 KB flash and 4 KB SRAM; 12-bit ADC; Comparator; 10-bit DAC; Capacitive Touch Interface; Programmable Logic Unit
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC804 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button LPC804 Datasheet HTML 19Page - NXP Semiconductors LPC804 Datasheet HTML 20Page - NXP Semiconductors LPC804 Datasheet HTML 21Page - NXP Semiconductors LPC804 Datasheet HTML 22Page - NXP Semiconductors LPC804 Datasheet HTML 23Page - NXP Semiconductors LPC804 Datasheet HTML 24Page - NXP Semiconductors LPC804 Datasheet HTML 25Page - NXP Semiconductors LPC804 Datasheet HTML 26Page - NXP Semiconductors LPC804 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 89 page
background image
LPC804
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2023. All rights reserved.
Product data sheet
Rev. 2.1 — 25 July 2023
23 of 87
NXP Semiconductors
LPC804
32-bit Arm Cortex-M0+ microcontroller
The timer/counter is designed to count cycles of the system derived clock or an
externally-supplied clock. It can optionally generate interrupts or perform other actions at
specified timer values, based on four match registers. The timer/counter also includes
three capture inputs to trap the timer value when an input signal transitions, optionally
generating an interrupt.
9.16.1.1 Features
• A 32-bit timer/counter with a programmable 32-bit prescaler.
• Counter or timer operation.
• Up to three 32-bit captures can take a snapshot of the timer value when an input
signal transitions. A capture event may also optionally generate an interrupt. The
number of capture inputs for each timer that are actually available on device pins can
vary by device.
• Four 32-bit match registers that allow:
– Continuous operation with optional interrupt generation on match.
– Stop timer on match with optional interrupt generation.
– Reset timer on match with optional interrupt generation.
– Shadow registers are added for glitch-free PWM output.
• For each timer, up to 4 external outputs corresponding to match registers with the
following capabilities (the number of match outputs for each timer that are actually
available on device pins can vary by device):
– Set LOW on match.
– Set HIGH on match.
– Toggle on match.
– Do nothing on match.
• The timer and prescaler may be configured to be cleared on a designated capture
event. This feature permits easy pulse width measurement by clearing the timer on
the leading edge of an input pulse and capturing the timer value on the trailing edge.
• Up to 4 match registers can be configured for PWM operation, allowing up to 3 single
edged controlled PWM outputs. (The number of match outputs for each timer that are
actually available on device pins can vary by device.)
9.17 Multi-Rate Timer (MRT)
The Multi-Rate Timer (MRT) provides a repetitive interrupt timer with two channels. Each
channel can be programmed with an independent time interval, and each channel
operates independently from the other channels.
9.17.1 Features
• 31-bit interrupt timer
• Two channels independently counting down from individually set values
• Bus stall, repeat and one-shot interrupt modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com