Electronic Components Datasheet Search
  English  ▼

X  

LPC804 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # LPC804
Description  32-bit Arm® Cortex®-M0 microcontroller; up to 32 KB flash and 4 KB SRAM; 12-bit ADC; Comparator; 10-bit DAC; Capacitive Touch Interface; Programmable Logic Unit
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC804 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button LPC804 Datasheet HTML 21Page - NXP Semiconductors LPC804 Datasheet HTML 22Page - NXP Semiconductors LPC804 Datasheet HTML 23Page - NXP Semiconductors LPC804 Datasheet HTML 24Page - NXP Semiconductors LPC804 Datasheet HTML 25Page - NXP Semiconductors LPC804 Datasheet HTML 26Page - NXP Semiconductors LPC804 Datasheet HTML 27Page - NXP Semiconductors LPC804 Datasheet HTML 28Page - NXP Semiconductors LPC804 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 89 page
background image
LPC804
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2023. All rights reserved.
Product data sheet
Rev. 2.1 — 25 July 2023
25 of 87
NXP Semiconductors
LPC804
32-bit Arm Cortex-M0+ microcontroller
9.20.1 Features
• The PLU is used to create small combinatorial and/or sequential logic networks
including simple state machines.
• The PLU is comprised of an array of 26 inter-connectable, 5-input Look-up Table
(LUT) elements, and four flip-flops.
• Eight primary outputs can be selected using a multiplexer from among all of the LUT
outputs and the four flip-flops.
• An external clock to drive the four flip-flops must be applied to the PLU_CLKIN pin if a
sequential network is implemented.
• Programmable logic can be used to drive on-chip inputs/triggers through external
pin-to-pin connections.
• A tool suite is provided to facilitate programming of the PLU to implement the logic
network described in a Verilog RTL design.
Remark: PLU cannot be used to wake-up from sleep, deep-sleep, power-down, and deep
power-down modes.
9.21 Analog comparator (ACMP)
The analog comparator with selectable hysteresis can compare voltage levels on external
pins and internal voltages.
After power-up and after switching the input channels of the comparator, the output of the
voltage ladder must be allowed to settle to its stable value before it can be used as a
comparator reference input. Settling times are given in Table 27.
The analog comparator output is a movable function and is assigned to a pin through the
switch matrix. The comparator inputs and the voltage reference are enabled through the
switch matrix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com