Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 13Page - NXP Semiconductors S32K310 Datasheet HTML 14Page - NXP Semiconductors S32K310 Datasheet HTML 15Page - NXP Semiconductors S32K310 Datasheet HTML 16Page - NXP Semiconductors S32K310 Datasheet HTML 17Page - NXP Semiconductors S32K310 Datasheet HTML 18Page - NXP Semiconductors S32K310 Datasheet HTML 19Page - NXP Semiconductors S32K310 Datasheet HTML 20Page - NXP Semiconductors S32K310 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 146 page
background image
4 Ordering information
Figure 15. Ordering information
Product status
Product status
P: Prototype
S: Qualified ordering P/N
Features
Ethernet Feature
Security
Product Type/Brand
32: Automotive 32-bit MCU/MPU
Tx: Global Foundry
x0: 1st mask revision
x1: 2nd mask revision
Product Line
K: General purpose MCU
S: Standard Family SW Package, including:
I: ISELED SW licensed + Standard Family SW
Package
Additional solution specific SW TBD
Real time driver including combined SDK
& Autosar MCAL (ISO26262, crypto driver included)
Standard Security Firmware
Safety Peripheral Driver (SPD)
Inter-core communication framework(IPCF)
Memory Size
Series/Family
3: K3 product family/ARM CortexM7 based
Core platform
1: 1 x M7 Core
2: 2 x M7 Cores
3: 3 x M7 Cores
4: 1 x M7 lockstep core
5: 1 x M7 lockstep core plus 1 x M7 core
P/S
32 K
3
4
4
X
X
T0 M PA
S
R
Product Type/Brand
Product Line
Series/Family
Core platform
Memory size
Features
Security
Fab and Mask rev letter
Fab and Mask rev letter
V: -40 °C to 105 °C
M: -40 °C to 125 °C
Temperature Suffix
Temperature Suffix
Package Suffix
Software
configuration
Tape and Reel
Indicator
Package Suffix
Software Configuration
T: Trays/Tubes
R: Tape & Reel
Tape and Reel Indicator
48
100
172
257
289
-
-
-
MM
JB
-
PA
PB
-
-
LF
-
PC
-
-
pins
HDQFP
BGA
LQFP
HDQFP-EP
-
-
-
-
-
0
1
2
4
6
8
P-FLASH
512KB
1MB
2MB
4MB
6MB
8MB
No
Ethernet
MAC
100Mbps
Ethernet
MAC
1Gbps
Ethernet
MAC
2x1 Gbps
Ethernet
MAC
N
E
G
H
HSE B
Standard
Security
Customized Security
H
∙
∙
∙
∙
G= customized firmware for GM
HSE
8: 2 x M7 lockstep + 1xM7 core or 1xM7
lockstep + 3xM7 Cores
V= customized firmware for VW
4.1 Determining valid orderable parts
To determine the orderable part numbers for this device, please contact NXP sales representative.
5 General
NXP Semiconductors
Ordering information
S32K3xx Data Sheet, Rev. 7, 04/2023
Data Sheet: Technical Data
Preliminary Information
17 / 146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com