Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 21Page - NXP Semiconductors S32K310 Datasheet HTML 22Page - NXP Semiconductors S32K310 Datasheet HTML 23Page - NXP Semiconductors S32K310 Datasheet HTML 24Page - NXP Semiconductors S32K310 Datasheet HTML 25Page - NXP Semiconductors S32K310 Datasheet HTML 26Page - NXP Semiconductors S32K310 Datasheet HTML 27Page - NXP Semiconductors S32K310 Datasheet HTML 28Page - NXP Semiconductors S32K310 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 146 page
background image
6.3 Power management system - S32K358, S32K348, S32K338, S32K328
SMPS
Flash
memory
LPCMP_n
FXOSC
SIRC
FIRC
SXOSC
Registers
- Standby domain
- Standby domain (optional)
- On during FPM (Run mode) only
PLLDIG0
MC_RGM
WKPU
MC_PCU
PIT_0
(RTI)
SOG
(Run)
SRAM
64 kB
RTC
DCM
PLLDIG1
TempSense
SOG
(Standby)
ADC_n
LPM
PMC
LPM (V15)
V11_STANDBY
V25
V11_RUN
V11_STANDBY
V11_STANDBY
(Triple bond)
Last Mile
distributed
regulator
FPM
SW*
SW*
optional
optional [See footnotes]
VIN
VC_BJT
Pads
GPIO
VDD_HV_A
VSS
Pads
GPIO
VDD_HV_B
VSS
(Triple bond)
[See footnotes]
The V15 input voltage can be supplied directly by an SBC or Voltage regulator. The S32K3x8 devices provide two options to derive the V15 regulator from the 5V or 3.3V supply.
Option 1: A DC/DC converter (SMPS) regulator can be implemented by connecting the external components (PMOS, inductor, diode) shown in the figure above, at pins VDD_DCDC,
PMOS_CTRL, and VSS_DCDC. In this case, VRC_CTRL must not be connected. VDD_DCDC must be connected to the VDD_HV_A or VDD_HV_B, supply voltage. In this
VRC_CTRL pin must be connected to the base of the transistor. In this case, VDD_DCDC, PMOS_CTRL must not be connected. VSS_DCDC must be connected to MCU GND.
Option 2: A linear regulator can be implemented by connecting a bipolar NPN transistor from the VDD_HV_A or VDD_HV_B, supply voltage shown as VC_BJT in the figure above. The
COUT_V15
In this option, COUT_V15 is specified in Recommended decoupling capacitors.
option, COUT_V15 is specified in SMPS regulator electrical specifications.
NXP Semiconductors
Power management
S32K3xx Data Sheet, Rev. 7, 04/2023
Data Sheet: Technical Data
Preliminary Information
25 / 146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com