Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 100 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 100 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 96Page - NXP Semiconductors S32K310 Datasheet HTML 97Page - NXP Semiconductors S32K310 Datasheet HTML 98Page - NXP Semiconductors S32K310 Datasheet HTML 99Page - NXP Semiconductors S32K310 Datasheet HTML 100Page - NXP Semiconductors S32K310 Datasheet HTML 101Page - NXP Semiconductors S32K310 Datasheet HTML 102Page - NXP Semiconductors S32K310 Datasheet HTML 103Page - NXP Semiconductors S32K310 Datasheet HTML 104Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 146 page
background image
Table 41. LPSPI (continued)
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
tHO
Data hold time
(outputs)
-18
—
—
ns
Master_10Mbps, for
S32K3x8
11
tHO
Data hold time
(outputs) 4
-2
—
—
ns
Master Loopback
11
tRI/FI
Rise/Fall time input
—
—
1
ns
Slave
12
tFI/RI
Rise/Fall time input
—
—
1
ns
Master
12
tFI/RI
Rise/Fall time input 4 —
—
1
ns
Master Loopback
12
tFO/RO
Rise/Fall time output —
—
25
ns
Slave
13
tFO/RO
Rise/Fall time output —
—
25
ns
Master
13
tFO/RO
Rise/Fall time
output 4
—
—
25
ns
Master Loopback
13
1. tperiph = 1/fperiph
2. For LPSPI0 instance, max. peripheral frequency is equal to AIPS_PLAT_CLK.
3. fperiph = LPSPI peripheral clock
4. Master Loopback mode: In this mode LPSPI_SCK clock is delayed for sampling the input data which is enabled by setting
LPSPI_CFGR1[SAMPLE] bit as 1.
5. These specifications apply to the SPI operation, as master or slave, at up to 10 Mbps for the combinations not indicated
in the table below. Unless otherwise noted, all other ‘master’ and ‘slave’ specifications are also applicable in the 10Mbps
configurations. See table "LPSPI 20 MHz and 15 MHz Combinations.
6. LPSPI0 support up to 20MHz on fast pin.
7. Minimum configuration value for CR[PCSSCK] field is 3(0x00000011).
8. Minimum configuration value for CCR[SCKPCS] field is 3(0x00000011).
9. While selecting odd dividers, ensure Duty Cycle is meeting this parameter.
fperiph = LPSPI peripheral clock
MSB OUT2
LSB OUT
BIT 6 ... 1
MSB IN2
SS1
(OUTPUT)
SPSCK
(CPOL = 0)
(OUTPUT)
SPSCK
(CPOL = 1)
(OUTPUT)
MISO
(INPUT)
MOSI
(OUTPUT)
LSB IN
BIT 6 ... 1
3
5
5
7
10
11
6
12
13
12
13
4
2
Figure 40. LPSPI Master Mode Timing (CPHA=0)
NXP Semiconductors
Communication interfaces
S32K3xx Data Sheet, Rev. 7, 04/2023
Data Sheet: Technical Data
Preliminary Information
100 / 146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com