Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 87 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 87 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 83Page - NXP Semiconductors S32K310 Datasheet HTML 84Page - NXP Semiconductors S32K310 Datasheet HTML 85Page - NXP Semiconductors S32K310 Datasheet HTML 86Page - NXP Semiconductors S32K310 Datasheet HTML 87Page - NXP Semiconductors S32K310 Datasheet HTML 88Page - NXP Semiconductors S32K310 Datasheet HTML 89Page - NXP Semiconductors S32K310 Datasheet HTML 90Page - NXP Semiconductors S32K310 Datasheet HTML 91Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 146 page
background image
Table 32. SAR ADC (continued)
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
RAD
Sampling Switch
Impedance
80
170
520
Ohm
all channels
—
CP1
Pin capacitance
1.42
—
5.30
pF
all channels
—
CP1
Pin capacitance
1.42
—
4.38
pF
Precision channels
—
CP1
Pin capacitance
1.61
—
5.30
pF
Standard channels
—
CP2
Analog Bus
Capacitance
0.32
—
4.18
pF
all channels
—
CP2
Analog Bus
Capacitance
0.32
—
1.42
pF
Precision channels
—
CP2
Analog Bus
Capacitance
0.497
—
4.18
pF
Standard channels
—
RSW1
Channel selection
Switch impedance
65.9
—
1410
Ohm
all channels
—
RSW1
Channel selection
Switch impedance
65.9
—
712
Ohm
Precision channels
—
RSW1
Channel selection
Switch impedance
65.9
—
1410
Ohm
Standard channels
—
1. Appropriate decoupling capacitors to be used to filter noise on the supplies. See application note AN5032 for reference
supply design for SAR ADC.
2. VSS and VREFL should be shorted on PCB. 100mV difference between VSS and VREFL is for transient only (not for DC).
3. This is ADC Input range for ADC accuracy guaranteed in this input range only. For SoC Pin capability, see Operation
Condition Section.
4. TUE spec for precision and standard channels is based on 12-bit level resolution.
5. Spec valid if potential difference between VDD_HV_A and VREFH should follow VDD_HV_A +0.1V >=VREFH >=
VDD_HV_A -1.5V
VA
Source
Filter
Current Limiter
EXTERNAL CIRCUIT
RS
Source Impedance
RF
Filter Resistance
CF
Filter Capacitance
RL
Current Limiter Resistance
RSW1 Channel Selection Switch Impedance
RAD Sampling Switch Impedance
CP
Pin Capacitance (two contributions: CP1, CP2)
CS
Sampling Capacitance
INTERNAL CIRCUIT SCHEME
CF
CP1
CP2
CS
RS
RF
RL
RSW1
VDD_HV_A
RAD
Channel
Selection
Sampling
Figure 33. SAR ADC Input Circuit
NXP Semiconductors
Analog modules
S32K3xx Data Sheet, Rev. 7, 04/2023
Data Sheet: Technical Data
Preliminary Information
87 / 146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com