Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 97 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 97 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 93Page - NXP Semiconductors S32K310 Datasheet HTML 94Page - NXP Semiconductors S32K310 Datasheet HTML 95Page - NXP Semiconductors S32K310 Datasheet HTML 96Page - NXP Semiconductors S32K310 Datasheet HTML 97Page - NXP Semiconductors S32K310 Datasheet HTML 98Page - NXP Semiconductors S32K310 Datasheet HTML 99Page - NXP Semiconductors S32K310 Datasheet HTML 100Page - NXP Semiconductors S32K310 Datasheet HTML 101Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 146 page
background image
11.5 Slow Crystal Oscillator (SXOSC)
Table 40. Slow Crystal Oscillator (SXOSC)
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
Fsxosc
Oscillator Crystal
Frequency 1
—
32.768
—
KHz
IP in crystal mode
—
Tstart
SXOSC startup time —
—
2
s
start up time is
dependent upon board
and crystal model.
—
ISXOSC
Oscillator Analog
circuit supply current
—
2.1
4
uA
—
—
gm_sxocs
NMOS Amplifier
Transconductance
3
—
40
u A/V
—
—
1. Supports single frequency
12 Communication interfaces
12.1 LPSPI
The Low Power Serial Peripheral Interface (LPSPI) provides a synchronous serial bus with master and slave operations. Many
of the transfer attributes are programmable. The following table provides timing characteristics for classic LPSPI timing modes.
1. All timing is shown with respect to 20% VDD_HV_A/B and 80% VDD_HV_A/B thresholds.
2. All measurements are with maximum output load of 30 pF, input transition of 1 ns and pad configured with fastest slew setting
(DSE = 1'b1).
Table 41. LPSPI
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
fperiph
Peripheral Frequenc
y 1, 2, 3
—
—
40
MHz
Master
—
fperiph
Peripheral Frequenc
y 1, 2, 3
—
—
40
MHz
Slave
—
fperiph
Peripheral Frequenc
y 1, 3, 4
—
—
80
MHz
Master Loopback
—
fop
Operating frequency —
—
15
MHz
Slave
1
fop
Operating frequency —
—
15
MHz
Master
1
fop
Operating
frequency 5
—
—
10
MHz
Slave_10Mbps
1
fop
Operating
frequency 5
—
—
10
MHz
Master_10Mbps
1
fop
Operating
frequency 4, 6
—
—
20
MHz
Master Loopback
1
Table continues on the next page...
NXP Semiconductors
Communication interfaces
S32K3xx Data Sheet, Rev. 7, 04/2023
Data Sheet: Technical Data
Preliminary Information
97 / 146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com