Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 28Page - NXP Semiconductors S32K310 Datasheet HTML 29Page - NXP Semiconductors S32K310 Datasheet HTML 30Page - NXP Semiconductors S32K310 Datasheet HTML 31Page - NXP Semiconductors S32K310 Datasheet HTML 32Page - NXP Semiconductors S32K310 Datasheet HTML 33Page - NXP Semiconductors S32K310 Datasheet HTML 34Page - NXP Semiconductors S32K310 Datasheet HTML 35Page - NXP Semiconductors S32K310 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 146 page
background image
Table 9. HSE firmware memory verification time examples (continued)
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
application firmware,
using RSA 2048
cipher.
B). CORE_CLK = 120
MHz; HSE_CLK = 120
MHz.
tECDSA_64KB
Memory verification
of 64 KB of
application firmware,
using ECDSA 521
bits cipher.
—
19.42
—
ms
Device running from
PLL (clocking option
B). CORE_CLK = 120
MHz; HSE_CLK = 120
MHz.
—
tECDSA_1024KB
Memory verification
of 1024 KB of
application firmware,
using ECDSA 521
bits cipher.
—
27.81
—
ms
Device running from
PLL (clocking option
B). CORE_CLK = 120
MHz; HSE_CLK = 120
MHz.
—
tSHA2_256_64KB
Memory verification
of 64 KB of
application firmware,
using SHA2 256 bits
bits cipher.
—
0.64
—
ms
Device running from
PLL (clocking option
B). CORE_CLK = 120
MHz; HSE_CLK = 120
MHz.
—
tSHA2_256_
1024KB
Memory verification
of 1024 KB of
application firmware,
using SHA2 256 bits
bits cipher.
—
9.07
—
ms
Device running from
PLL (clocking option
B). CORE_CLK = 120
MHz; HSE_CLK = 120
MHz.
—
6.6 Supply Monitoring
Certain monitors are present on certain devices. See Power Management chapter in reference manual.
Table 10. Supply Monitoring
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
LVD_V15
Low Voltage Detect
(LVD) on V15,
deassert threshold
(in FPM)
1.34
1.38
1.42
V
—
—
HVD_V15
High Voltage Detect
(HVD) on V15,
assert threshold (in
FPM)
—
2.5
—
V
—
—
LVR_VDD_HV_A
LVR on VDD_HV_A,
assert threshold (in
FPM)
2.77
2.85
2.93
V
—
—
Table continues on the next page...
NXP Semiconductors
Power management
S32K3xx Data Sheet, Rev. 7, 04/2023
Data Sheet: Technical Data
Preliminary Information
32 / 146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com