Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 3 Page - NXP Semiconductors

  S32K310 Datasheet HTML 1Page - NXP Semiconductors S32K310 Datasheet HTML 2Page - NXP Semiconductors S32K310 Datasheet HTML 3Page - NXP Semiconductors S32K310 Datasheet HTML 4Page - NXP Semiconductors S32K310 Datasheet HTML 5Page - NXP Semiconductors S32K310 Datasheet HTML 6Page - NXP Semiconductors S32K310 Datasheet HTML 7Page - NXP Semiconductors S32K310 Datasheet HTML 8Page - NXP Semiconductors S32K310 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 146 page
background image
Contents
1
Overview............................................................ 5
2
Block diagram.....................................................5
3
Feature comparison......................................... 12
4
Ordering information.........................................17
4.1
Determining valid orderable parts ................ 17
5
General.............................................................17
5.1
Absolute maximum ratings............................18
5.2
Voltage and current operating requirements.19
5.3
Thermal operating characteristics.................21
5.4
ESD and Latch-up Protection Characteristics
...................................................................... 22
6
Power management......................................... 22
6.1
Power management system - S32K344,
S32K324, S32K341, S32K314, S32K342, and
S32K322....................................................... 23
6.2
Power management system - S32K312,
S32K311, S32K310...................................... 24
6.3
Power management system - S32K358,
S32K348, S32K338, S32K328......................25
6.4
Power management system - S32K388....... 26
6.5
Power mode transition operating behaviors..26
6.5.1
Power mode transition operating behavior... 26
6.5.2
Boot time, HSE firmware not installed.......... 27
6.5.3
Boot time, HSE firmware installed................ 27
6.5.4
HSE firmware memory verification time
examples.......................................................28
6.6
Supply Monitoring......................................... 32
6.7
Recommended Decoupling Capacitors........ 34
6.8
V15 regulator (SMPS option) electrical
specifications................................................ 46
6.9
V15 regulator (BJT option, NPN ballast
transistor control) electrical specifications.... 47
6.10
V11 regulator (NMOS ballast transistor control)
electrical specifications................................. 48
6.11
Supply currents............................................. 49
6.12
Operating mode............................................ 68
6.13
Cyclic wake-up current .................................70
7
I/O parameters................................................. 70
7.1
GPIO DC electrical specifications, 3.3V Range
(2.97V - 3.63V)..............................................70
7.2
GPIO DC electrical specifications, 5.0V (4.5V -
5.5V)............................................................. 74
7.3
5.0V (4.5V - 5.5V) GPIO Output AC
Specification..................................................78
7.4
3.3V (2.97V - 3.63V) GPIO Output AC
Specification..................................................79
8
Glitch Filter....................................................... 80
9
Flash memory specification..............................81
9.1
Flash memory program and erase
specifications................................................ 81
9.2
Flash memory Array Integrity and Margin Read
specifications................................................ 82
9.3
Flash memory module life specifications...... 83
9.3.1
Data retention vs program/erase cycles....... 83
9.4
Flash memory AC timing specifications........ 84
9.5
Flash memory read timing parameters......... 84
10
Analog modules................................................85
10.1
SAR ADC...................................................... 85
10.2
Supply Diagnosis.......................................... 88
10.3
Low Power Comparator (LPCMP)................ 88
10.4
Temperature Sensor..................................... 92
11
Clocking modules............................................. 92
11.1
FIRC..............................................................92
11.2
SIRC............................................................. 93
11.3
PLL................................................................93
11.4
Fast External Oscillator (FXOSC)................. 94
11.5
Slow Crystal Oscillator (SXOSC).................. 97
12
Communication interfaces................................97
12.1
LPSPI............................................................97
12.2
LPSPI0 20 MHz and 15 MHz Combinations102
12.3
Communication between two S32K388
devices........................................................102
12.3.1
Timing specification for S32K388 to S32K388
communication............................................104
12.4
I2C...............................................................104
12.5
FlexCAN characteristics..............................104
12.6
SAI electrical specifications........................ 104
12.6.1
SAI Electrical Characteristics, Slave Mode.105
12.6.2
SAI Electrical Characteristics, Master Mode106
12.7
Ethernet characteristics.............................. 107
12.7.1
Ethernet MII (100 Mbps)............................. 107
12.7.2
Ethernet MII (200 Mbps)............................. 109
12.7.3
Ethernet RMII..............................................111
12.7.4
Ethernet RGMII........................................... 113
12.7.5
MDIO timing specifications......................... 114
12.8
QuadSPI..................................................... 115
12.8.1
QuadSPI Quad 3.3V SDR 120MHz............ 115
12.8.2
QuadSPI Octal 3.3V DDR 100MHz............ 117
12.8.3
QuadSPI Quad 3.3V SDR 103.33MHz....... 118
12.8.4
QuadSPI Octal 3.3V DDR 120MHz............ 119
12.8.5
QuadSPI Quad 3.3V SDR 125MHz............ 120
12.9
uSDHC........................................................121
12.9.1
uSDHC SDR electrical specifications......... 121
12.9.2
uSDHC DDR electrical specifications......... 122
12.10
LPUART specifications............................... 123
13
Debug modules.............................................. 123
13.1
Debug trace timing specifications............... 124
13.2
SWD electrical specifications......................124
13.3
JTAG electrical specifications..................... 126
14
Thermal Attributes.......................................... 128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com