Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 102 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 102 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 98Page - NXP Semiconductors S32K310 Datasheet HTML 99Page - NXP Semiconductors S32K310 Datasheet HTML 100Page - NXP Semiconductors S32K310 Datasheet HTML 101Page - NXP Semiconductors S32K310 Datasheet HTML 102Page - NXP Semiconductors S32K310 Datasheet HTML 103Page - NXP Semiconductors S32K310 Datasheet HTML 104Page - NXP Semiconductors S32K310 Datasheet HTML 105Page - NXP Semiconductors S32K310 Datasheet HTML 106Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 146 page
background image
12.2 LPSPI0 20 MHz and 15 MHz Combinations
15 and 20 Mbps is supported on LPSPI0 only.
NOTE
Table 42. LPSPI0 20 MHz and 15 MHz Combinations
PORT
S32K344 PAD TYPE
SPI Signal
20Mbps (In loopback
mode only)
15 Mbps
PTB1
GPIO-Standard-plus
LPSPI0_SOUT
LPSPI0_SOUT
PTB0
GPIO-Standard-plus
LPSPI0_PCS0
LPSPI0_PCS0
PTC9
GPIO-Standard-plus
LPSPI0_SIN
LPSPI0_SIN
PTC8
GPIO-Standard-plus
LPSPI0_SCK
LPSPI0_SCK
PTD6
GPIO-Medium
LPSPI0_PCS0
LPSPI0_PCS0
PTD5
GPIO-Medium
LPSPI0_PCS1
LPSPI0_PCS1
PTD12
GPIO-FAST
LPSPI0_SOUT
LPSPI0_SOUT
PTD11
GPIO-FAST
LPSPI0_SCK
LPSPI0_SCK
PTD10
GPIO-FAST
LPSPI0_SIN
LPSPI0_SIN
Trace length should not exceed 11 inches for SCK pad when used in Master loopback mode.
NOTE
12.3 Communication between two S32K388 devices
S32K388 devices supports fast data sending between two of them. Interface uses is four data lines at frequency of 6.6MHz in one
direction and four data lines at frequency of 6.6MHz in opposite direction. Configuration of LPSPI interface is 4x data lines half
duplex mode. For purpose of this communication LPSPI2, LPSPI5 and set of PINs was designed. Below figure shows diagram of
connection between two S32K388 devices. Left device will use LPSPI2 in Master 4x data line half duplex mode to send data to
LPSPI2 in Slave 4x dataline half duplex mode on second device. Similarly LPSPI5, but for in opposite direction than LPSPI2 do.
NXP Semiconductors
Communication interfaces
S32K3xx Data Sheet, Rev. 7, 04/2023
Data Sheet: Technical Data
Preliminary Information
102 / 146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com