Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 104 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 104 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 100Page - NXP Semiconductors S32K310 Datasheet HTML 101Page - NXP Semiconductors S32K310 Datasheet HTML 102Page - NXP Semiconductors S32K310 Datasheet HTML 103Page - NXP Semiconductors S32K310 Datasheet HTML 104Page - NXP Semiconductors S32K310 Datasheet HTML 105Page - NXP Semiconductors S32K310 Datasheet HTML 106Page - NXP Semiconductors S32K310 Datasheet HTML 107Page - NXP Semiconductors S32K310 Datasheet HTML 108Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 146 page
background image
12.3.1 Timing specification for S32K388 to S32K388 communication
Below table lists the timing parameters for this communication. This parameters is valid only on set of pins preselected for this
device to device communication. All timing is shown with respect to 20% VDD_HV_A/B and 80% VDD_HV_A/B thresholds. All
measurements are with maximum output load of 30 pF, input transition of 1 ns and pad configured with fastest slew setting (DSE
= 1'b1).
Table 44. Timing specification for S32K388 to S32K388 communication
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
fcom
Communication
frequency
—
—
6.6
MHz
—
—
tWSPCK
Clock (SPSCK) high
or low time (SPSCK
duty cycle)
69
—
79
ns
—
—
tSU
Data setup time
34
—
—
ns
Master mode
6
tSU
Data setup time
5
—
—
ns
Slave mode
6
tV
Data valid (after
SPSCK edge)
—
—
21
ns
Master mode
10
tV
Data valid (after
SPSCK edge)
—
—
34
ns
Slave mode
10
tHO
Input hold time
0
—
—
ns
Master mode input
7
tHO
Input hold time
4
—
—
ns
slave mode input
7
tHO
Output hold time
3
—
—
ns
Slave mode output
11
tHO
Output hold time
-15
—
—
ns
Master mode output
11
tLEAD
Enable lead time
(PCS to SPSCK
delay)
30
—
—
ns
Master mode
3
tA
Slave access time
—
—
50
ns
—
—
tDIS
Slave MISO (SOUT)
disable time
—
—
50
ns
—
—
tLAG
Enable lag time
(After SPSCK delay)
30
—
—
ns
—
—
12.4 I2C
See I/O parameters for I2C specification.
"For supported baud rate see section 'Chip-specific LPI2C information' of the Reference Manual."
12.5 FlexCAN characteristics
See I/O parameters for FlexCAN specification.
"For supported baud rate, see section 'Protocol timing' of the Reference Manual."
12.6 SAI electrical specifications
NXP Semiconductors
Communication interfaces
S32K3xx Data Sheet, Rev. 7, 04/2023
Data Sheet: Technical Data
Preliminary Information
104 / 146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com