Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 136 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 136 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 132Page - NXP Semiconductors S32K310 Datasheet HTML 133Page - NXP Semiconductors S32K310 Datasheet HTML 134Page - NXP Semiconductors S32K310 Datasheet HTML 135Page - NXP Semiconductors S32K310 Datasheet HTML 136Page - NXP Semiconductors S32K310 Datasheet HTML 137Page - NXP Semiconductors S32K310 Datasheet HTML 138Page - NXP Semiconductors S32K310 Datasheet HTML 139Page - NXP Semiconductors S32K310 Datasheet HTML 140Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 146 page
background image
Rev 4, April 2022
— for Symbol "TR_TF_50_F" with condition "DSE=0, SRE=1, Capacitance=25pF" Max changed from "7.7" to "6.1".
• In section “SAR ADC“, the footnote attached to “ADC Total Unadjusted Error” is updated as “TUE spec for precision and
standard channels is based on 12-bit level resolution”.
• In section "Supply Diagnosis", for Symbol "AN_ACC" and "AN_T_on" footnote added "These specs will have degraded
performan..."
• In section "Fast External Oscillator (FXOSC)", for Symbol "TFXOSC" description changed from "Fxosc start up time" to
"Fxosc start up time (ALC enabled)".
• In section "Fast External Oscillator (FXOSC)", removed the crystal part numbers and related information which includes
following sentences, "In crystal mode NX5032GA crystal .....", " In crystal mode NX8045GB crystal …" and updated
sentence "To ensure stable oscillations, FXOSC incorporates the feedback resistance internally.".
• In section "LPSPI", updated the sentence updated maximum output load of 50pF to 30pF.
• In section "LPSPI", footnote attached to "fperiph" is udated to mention clock name instead of frequency. "For LPSPI0
instance, max. peripheral...".
• In section "I3C Push-Pull Timing Parameters for SDR Mode", Symbol "tV" and tHI are deleted.
• Added section "Ethernet RGMII".
• In all QuadSPI modes updated trace length from 3 inches to 2 inches.
• Added "QuadSPI Octal 3.3V DDR 100MHz" mode.
• Deleted "QuadSPI Quad 3.3V DDR 80MHz" mode.
• In section "QuadSPI Octal 3.3V DDR 120MHz" :
— For symbol “tOD_DATA”, Max. value changed from “2.567” to “ 2.934”.
— For symbol “tOD_CS”, Min value has been changed from “3.015” to “3.016” and Max. value changed from “-1.33”
to “-0.766”.
— For symbol “tDVW”, Min value has been changed from “2.314” to “2.518”.
— For symbol “tIH_DQS”, Min value has been changed from “2.767” to “3.134”.
• uSDHC specifications are updated thoroughly.
• In "Thermal characteristics":
— Updated table header to include all variants.
— For S32K312 100-HDQFP updated RϴJA from 34.8 to 38 °C/W and RϴJT from 0.6 to 0.8 °C/W.
— For S32K3x4, 257MAPBGA updated RϴJA from 27 to 26.8 °C/W.
• Updated Legal information.
Rev 3, Oct 2021
• Datasheet classification is updated to "Technical data" for S32K344.
• In section "Supply currents" added values for 85C (typ and max) and updated 105 (max) and 125 (max) values for
S32K344.
• In front page features, added HDQFP172 with Exposed pad (EP) option and information on I3C.
• In section "Overview", added a note "S32K3x1, S32K3x2 and S32K3x8 specific information ....".
NXP Semiconductors
Revision history
S32K3xx Data Sheet, Rev. 7, 04/2023
Data Sheet: Technical Data
Preliminary Information
136 / 146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com