Electronic Components Datasheet Search
  English  ▼

X  

IXP42X Datasheet(PDF) 84 Page - Intel Corporation

Part # IXP42X
Description  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

IXP42X Datasheet(HTML) 84 Page - Intel Corporation

Back Button IXP42X Datasheet HTML 80Page - Intel Corporation IXP42X Datasheet HTML 81Page - Intel Corporation IXP42X Datasheet HTML 82Page - Intel Corporation IXP42X Datasheet HTML 83Page - Intel Corporation IXP42X Datasheet HTML 84Page - Intel Corporation IXP42X Datasheet HTML 85Page - Intel Corporation IXP42X Datasheet HTML 86Page - Intel Corporation IXP42X Datasheet HTML 87Page - Intel Corporation IXP42X Datasheet HTML 88Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 134 page
background image
Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
March 2005
Datasheet
84
Document Number: 252479, Revision: 005
When 170 nF is an inconvenient size, capacitor values between 150 nF to 200 nF could be used
with little adverse effects, assuming that the effective series resistance of the 200-nF capacitor is
under 50 m
Ω.
In order to achieve a 200-nF capacitance, a parallel combination of two 100-nF capacitors may be
used as long as the capacitors are placed directly beside each other. VSSP_OSC consists of two pins,
AD10 and AF10. Ensure that both pins are connected as shown in Figure 11.
5.2.4
VCCOSC Requirement
A parallel combination of a 10-nF capacitor — for bypass — and a 200-nF capacitor — for a first-
order filter with a cut-off frequency below 33 MHz — must be connected to both of the VCCOSC
pins of the IXP42X product line and IXC1100 control plane processors.
The grounds of both capacitors should be connected to the VSSOSC supply pin. Both capacitors
should be located less than 0.5 inch away from the VCCOSC pin and the associated VSSOSC pin.
In order to achieve a 200-nF capacitance, a parallel combination of two 100-nF capacitors may be
used as long as the capacitors are placed directly beside each other.
Figure 11.
VCCOSCP Power Filtering Diagram
Intel
® IXP42X
Product Line /
Intel
® IXC1100
Control Plane
Processor
3.3 V
170 nF
VSS
VCCOSCP
VSSOSCP
VSSOSCP
B1675-04
Figure 12.
VCCOSC Power Filtering Diagram
Intel
® IXP42X
Product Line /
Intel
® IXC1100
Control Plane
Processor
1.3 V
10 nF
VSS
100 nF
100 nF
B1676-03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com