Electronic Components Datasheet Search
  English  ▼

X  

IXP42X Datasheet(PDF) 32 Page - Intel Corporation

Part # IXP42X
Description  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

IXP42X Datasheet(HTML) 32 Page - Intel Corporation

Back Button IXP42X Datasheet HTML 28Page - Intel Corporation IXP42X Datasheet HTML 29Page - Intel Corporation IXP42X Datasheet HTML 30Page - Intel Corporation IXP42X Datasheet HTML 31Page - Intel Corporation IXP42X Datasheet HTML 32Page - Intel Corporation IXP42X Datasheet HTML 33Page - Intel Corporation IXP42X Datasheet HTML 34Page - Intel Corporation IXP42X Datasheet HTML 35Page - Intel Corporation IXP42X Datasheet HTML 36Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 134 page
background image
Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
March 2005
Datasheet
32
Document Number: 252479, Revision: 005
2.2.11
Performance Monitoring Unit (PMU)
The performance monitoring unit contains two 32-bit, event counters and one 32-bit, clock counter.
The event counters can be programmed to monitor I-cache hit rate, data caches hit rate, ITLB hit
rate, DTLB hit rate, pipeline stalls, BTB prediction hit rate, and instruction execution count.
2.2.12
Debug Unit
The debug unit is accessed through the JTAG port. The industry-standard, IEEE 1149.1 JTAG port
consists of a test access port (TAP) controller, boundary-scan register, instruction and data
registers, and dedicated signals TDI, TDO, TCK, TMS, and TRST#.
The debug unit — when used with debugger application code running on a host system outside of
the Intel XScale core — allows a program, running on the Intel XScale core, to be debugged. It
allows the debugger application code or a debug exception to stop program execution and redirect
execution to a debug-handling routine.
Debug exceptions are instruction breakpoint, data breakpoint, software breakpoint, external debug
breakpoint, exception vector trap, and trace buffer full breakpoint. Once execution has stopped, the
debugger application code can examine or modify the core’s state, coprocessor state, or memory.
The debugger application code can then restart program execution.
The debug unit has two hardware-instruction, break point registers; two hardware, data-breakpoint
registers; and a hardware, data-breakpoint control register. The second data-breakpoint register can
be alternatively used as a mask register for the first data-breakpoint register.
A 256-entry trace buffer provides the ability to capture control flow messages or addresses. A
JTAG instruction (LDIC) can be used to download a debug handler via the JTAG port to the mini-
instruction cache (the I-cache has a 2-Kbyte, mini-instruction cache to hold a debug handler).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com