Electronic Components Datasheet Search
  English  ▼

X  

IXP42X Datasheet(PDF) 96 Page - Intel Corporation

Part # IXP42X
Description  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

IXP42X Datasheet(HTML) 96 Page - Intel Corporation

Back Button IXP42X Datasheet HTML 92Page - Intel Corporation IXP42X Datasheet HTML 93Page - Intel Corporation IXP42X Datasheet HTML 94Page - Intel Corporation IXP42X Datasheet HTML 95Page - Intel Corporation IXP42X Datasheet HTML 96Page - Intel Corporation IXP42X Datasheet HTML 97Page - Intel Corporation IXP42X Datasheet HTML 98Page - Intel Corporation IXP42X Datasheet HTML 99Page - Intel Corporation IXP42X Datasheet HTML 100Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 134 page
background image
Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
March 2005
Datasheet
96
Document Number: 252479, Revision: 005
5.5.2.2
USB Interface
For timing parameters, see the USB 1.1 specification. The IXP42X product line and IXC1100
control plane processors’ USB 1.1 interface is a device or function controller only. The IXP42X
product line and IXC1100 control plane processors’ USB v 1.1 interface cannot be line-powered.
Table 45.
PCI Bus Signal Timings
Symbol
Parameter
33 MHz
66 MHz
Units
Notes
Min.
Max.
Min.
Max.
Tclk2outb
Clock to output for all bused
signals. This is the PCI_AD[31:0],
PCI_CBE_N [3:0], PCI_PAR,
PCI_FRAME_N, PCI_IRDY_N,
PCI_TRDY_N, PCI_STOP_N,
PCI_DEVSEL_N, PCI_PERR_N,
PCI_SERR_N
2111
6
ns
1, 2, 5,
7, 8
Tclk2out
Clock to output for all point-to-point
signals. This is the PCI_GNT_N
and PCI_REQ_N(0) only.
212
1
6
ns
1, 2, 5,
7, 8
Tsetupb
Input setup time for all bused
signals. This is the PCI_AD[31:0],
PCI_CBE_N [3:0], PCI_PAR,
PCI_FRAME_N, PCI_IRDY_N,
PCI_TRDY_N, PCI_STOP_N,
PCI_DEVSEL_N, PCI_PERR_N,
PCI_SERR_N
73
ns
4, 6, 7,
8
Tsetup
Input setup time for all point-to-
point signals. This is the
PCI_REQ_N and PCI_GNT_N(0)
only.
10, 12
5
ns
4, 7, 8
Thold
Input hold time from clock.
0
0
ns
4, 7, 8
Trst-off
Reset active-to-output float delay
40
40
ns
5, 6, 7,
8
Notes:
1.
See the timing measurement conditions.
2.
Parts compliant to the 3.3 V signaling environment.
3.
REQ# and GNT# are point-to-point signals and have different output valid delay and input setup
times than do bused signals. GNT# has a setup of 10 ns for 33 MHz and 5 ns for 66 MHz; REQ# has
a setup of 12 ns for 33 MHz and 5 ns for 66 MHz.
4.
RST# is asserted and de-asserted asynchronously with respect to CLK.
5.
All PCI outputs must be asynchronously driven to a tri-state value when RST# is active.
6.
Setup time applies only when the device is not driving the pin. Devices cannot drive and receive
signals at the same time.
7.
Timing was tested with a 70-pF capacitor to ground.
8.
For additional information, see the PCI Local Bus Specification, Rev. 2.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com