Electronic Components Datasheet Search
  English  ▼

X  

IXP42X Datasheet(PDF) 38 Page - Intel Corporation

Part # IXP42X
Description  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

IXP42X Datasheet(HTML) 38 Page - Intel Corporation

Back Button IXP42X Datasheet HTML 34Page - Intel Corporation IXP42X Datasheet HTML 35Page - Intel Corporation IXP42X Datasheet HTML 36Page - Intel Corporation IXP42X Datasheet HTML 37Page - Intel Corporation IXP42X Datasheet HTML 38Page - Intel Corporation IXP42X Datasheet HTML 39Page - Intel Corporation IXP42X Datasheet HTML 40Page - Intel Corporation IXP42X Datasheet HTML 41Page - Intel Corporation IXP42X Datasheet HTML 42Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 134 page
background image
Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
March 2005
Datasheet
38
Document Number: 252479, Revision: 005
Table 8.
High-Speed, Serial Interface 0
Name
Power
On
Reset1
Reset2
Type†
Description
HSS_TXFRAME0
Z
Z
I/O
The High-Speed Serial (HSS) transmit frame signal can be
configured as an input or an output to allow an external
source become synchronized with the transmitted data. Often
known as a Frame Sync signal. Configured as an input upon
reset.
Should be pulled low with a 10-K
Ω resistor when not being
utilized in the system.
HSS_TXDATA0
Z
Z
O/D
Transmit data out. Open Drain output.
Must be pulled high with a 10-K
Ω resistor to V
CCP.
HSS_TXCLK0
Z
Z
I/O
The High-Speed Serial (HSS) transmit clock signal can be
configured as an input or an output. The clock can be a
frequency ranging from 512 KHz to 8.192 MHz. Used to clock
out the transmitted data. Configured as an input upon reset.
Frame sync and data can be selected to be generated on the
rising or falling edge of the transmit clock.
Should be pulled low with a 10-K
Ω resistor when not being
utilized in the system.
HSS_RXFRAME0
Z
Z
I/O
The High-Speed Serial (HSS) receive frame signal can be
configured as an input or an output to allow an external
source to become synchronized with the received data. Often
known as a Frame Sync signal. Configured as an input upon
reset.
Should be pulled low with a 10-K
Ω resistor when not being
utilized in the system.
HSS_RXDATA0
Z
VI
I
Receive data input. Can be sampled on the rising or falling
edge of the receive clock.
Should be pulled low through a 10-K
Ω resistor when not
being utilized in the system.
HSS_RXCLK0
Z
Z
I/O
The High-Speed Serial (HSS) receive clock signal can be
configured as an input or an output. The clock can be from
512 KHz to 8.192 MHz. Used to sample the received data.
Configured as an input upon reset.
Should be pulled low with a 10-K
Ω resistor when not being
utilized in the system.
1.
While PWRON_RESET_N is deasserted use Power On Reset column for the pin state.
2.
After deassertion of PWRON_RESET_N, and deassertion of RESET_IN_N, and assertion of
PLL_LOCK, all signals reflect the value shown in the RESET column.
†
For a legend of the Type codes, see Table 5 on page 33.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com