Electronic Components Datasheet Search
  English  ▼

X  

IXP42X Datasheet(PDF) 92 Page - Intel Corporation

Part # IXP42X
Description  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

IXP42X Datasheet(HTML) 92 Page - Intel Corporation

Back Button IXP42X Datasheet HTML 88Page - Intel Corporation IXP42X Datasheet HTML 89Page - Intel Corporation IXP42X Datasheet HTML 90Page - Intel Corporation IXP42X Datasheet HTML 91Page - Intel Corporation IXP42X Datasheet HTML 92Page - Intel Corporation IXP42X Datasheet HTML 93Page - Intel Corporation IXP42X Datasheet HTML 94Page - Intel Corporation IXP42X Datasheet HTML 95Page - Intel Corporation IXP42X Datasheet HTML 96Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 134 page
background image
Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
March 2005
Datasheet
92
Document Number: 252479, Revision: 005
.
C1
Load capacitance
pF
2
C2
Load capacitance
pF
2
TDC
Duty cycle
35
50
65
%
3
Table 40.
Device Clock Timings (Crystal Reference)
Symbol
Parameter
Min.
Nom.
Max.
Units
Notes
VIH
Input-high voltage
1.9
V
VIL
Input-low voltage
1.6
V
TFREQUENCY
Clock frequency for IXP42X product
line and IXC1100 control plane
processors crystal or oscillator.
33.33
MHz
1, 4
FREQUENCY
Clock tolerance over -40º C to 85º C.
-50
50
ppm
ESR
Equivalent Series Resistance
60
Ω
CIN
Pin capacitance of IXP42X product line
and IXC1100 control plane processors’
inputs.
5pF
CSHUNT
CSHUNT is a crystal parameter
sometimes referred to as the holder
capacitance.
23
4
pF
C1
Load capacitance
pF
2
C2
Load capacitance
pF
2
TDC
Duty cycle
35
50
65
%
3
Notes:
IMPORTANT NOTE: Please refer to the product specification update regarding new crystal specifications.
1.
This value could be an oscillator input or a series resonant frequency from a crystal. If used as an
oscillator input, tie to the crystal input pin and leave the crystal output pin disconnected.
2.
Use the component values recommended by the crystal manufacturer.
3.
This parameter applies when driving the clock input with an oscillator.
4.
Where the IXP42X product line or IXC1100 control plane processor is configured with an input
reference-clock, the slew rate should never be faster than 2.5 V/nS to ensure proper PLL operation.
To help ensure proper PLL operation at the slower slew rate, the VIH and VIL voltage levels need to
be within the specified range at an input clock frequency of 33.33 MHz.
Table 39.
Device Clock Timings (Oscillator Reference) (Sheet 2 of 2)
Symbol
Parameter
Min.
Nom.
Max.
Units
Notes
Notes:
1.
This value could be an oscillator input or a series resonant frequency from a crystal. If used as an
oscillator input, tie to the crystal input pin and leave the crystal output pin disconnected.
2.
Use the component values recommended by the crystal manufacturer.
3.
This parameter applies when driving the clock input with an oscillator.
4.
Where the IXP42X product line or IXC1100 control plane processor is configured with an input
reference-clock, the slew rate should never be faster than 2.5 V/nS to ensure proper PLL operation.
To help ensure proper PLL operation at the slower slew rate, the VIH and VIL voltage levels need to
be within the specified range at an input clock frequency of 33.33 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com