Electronic Components Datasheet Search
  English  ▼

X  

IXP42X Datasheet(PDF) 42 Page - Intel Corporation

Part # IXP42X
Description  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

IXP42X Datasheet(HTML) 42 Page - Intel Corporation

Back Button IXP42X Datasheet HTML 38Page - Intel Corporation IXP42X Datasheet HTML 39Page - Intel Corporation IXP42X Datasheet HTML 40Page - Intel Corporation IXP42X Datasheet HTML 41Page - Intel Corporation IXP42X Datasheet HTML 42Page - Intel Corporation IXP42X Datasheet HTML 43Page - Intel Corporation IXP42X Datasheet HTML 44Page - Intel Corporation IXP42X Datasheet HTML 45Page - Intel Corporation IXP42X Datasheet HTML 46Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 134 page
background image
Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
March 2005
Datasheet
42
Document Number: 252479, Revision: 005
Table 11.
UTOPIA-2 Interface (Sheet 1 of 2)
Name
Power
On
Reset1
Reset2
Type†
Description
UTP_OP_CLK
Z
VI
I
UTOPIA Transmit clock input. Also known as
UTP_TX_CLK. This signal is used to synchronize all
UTOPIA-transmit outputs to the rising edge of the
UTP_OP_CLK.
This signal should be pulled low through a 10-K
Ω resistor
when not being utilized in the system.
UTP_OP_FCO
Z
Z
O
UTOPIA flow control output signal. Also known as the
TXENB_N signal.
Used to inform the selected PHY that data is being
transmitted to the PHY. Placing the PHY’s address on the
UTP_OP_ADDR — and bringing UTP_OP_FCO to logic
1, during the current clock — followed by the
UTP_OP_FCO going to a logic 0, on the next clock cycle,
selects which PHY is active in MPHY mode.
In SPHY configurations, UTP_OP_FCO is used to inform
the PHY that the processor is ready to send data.
UTP_OP_SOC
Z
Z
O
Start of Cell. Also known as TX_SOC.
Active high signal is asserted when UTP_OP_DATA
contains the first valid byte of a transmitted cell.
UTP_OP_DATA[7:0]
Z
Z
O
UTOPIA output data. Also known as UTP_TX_DATA.
Used to send data from the
processor to an ATM UTOPIA-
Level-2-compliant PHY.
UTP_OP_ADDR[4:0]
Z
VI
O
Transmit PHY address bus. Used by the
processor when
operating in MPHY mode to poll and select a single PHY
at any given time.
UTP_OP_FCI
Z
VI
I
UTOPIA Output data flow control input: Also known as the
TXFULL/CLAV signal.
Used to inform the processor of the ability of each polled
PHY to receive a complete cell. For cell-level flow control
in an MPHY environment, TxClav is an active high tri-
stateable signal from the MPHY to ATM layer. The
UTP_OP_FCI, which is connected to multiple MPHY
devices, will see logic high generated by the PHY, one
clock after the given PHY address is asserted — when a
full cell can be received by the PHY. The UTP_OP_FCI
will see a logic low generated by the PHY one clock cycle,
after the PHY address is asserted — if a full cell cannot be
received by the PHY.
This signal should be tied low through a 10-K
Ω resistor if
not being used.
UTP_IP_CLK
Z
VI
I
UTOPIA Receive clock input. Also known as
UTP_RX_CLK.
This signal is used to synchronize all UTOPIA-received
inputs to the rising edge of the UTP_IP_CLK.
This signal should be pulled low through a 10-K
Ω resistor
when not being utilized in the system.
1.
While PWRON_RESET_N is deasserted use Power On Reset column for the pin state.
2.
After deassertion of PWRON_RESET_N, and deassertion of RESET_IN_N, and assertion of
PLL_LOCK, all signals reflect the value shown in the RESET column.
†
For a legend of the Type codes, see Table 5 on page 33.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com