Electronic Components Datasheet Search
  English  ▼

X  

IXP42X Datasheet(PDF) 40 Page - Intel Corporation

Part # IXP42X
Description  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

IXP42X Datasheet(HTML) 40 Page - Intel Corporation

Back Button IXP42X Datasheet HTML 36Page - Intel Corporation IXP42X Datasheet HTML 37Page - Intel Corporation IXP42X Datasheet HTML 38Page - Intel Corporation IXP42X Datasheet HTML 39Page - Intel Corporation IXP42X Datasheet HTML 40Page - Intel Corporation IXP42X Datasheet HTML 41Page - Intel Corporation IXP42X Datasheet HTML 42Page - Intel Corporation IXP42X Datasheet HTML 43Page - Intel Corporation IXP42X Datasheet HTML 44Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 134 page
background image
Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
March 2005
Datasheet
40
Document Number: 252479, Revision: 005
Table 10.
MII Interfaces (Sheet 1 of 2)
Name
Power
On
Reset1
Reset2
Type†
Description
ETH_TXCLK0
Z
VI
I
Externally supplied transmit clock.
•
25 MHz for 100 Mbps operation
•
2.5 MHz for 10 Mbps
Should be pulled low through a 10-K
Ω resistor when not
being utilized in the system.
ETH_TXDATA0[3:0]
Z
0
O
Transmit data bus to PHY, asserted synchronously with
respect to ETH_TXCLK0.
ETH_TXEN0
Z
0
O
Indicates that the PHY is being presented with nibbles on
the MII interface. Asserted synchronously, with respect to
ETH_TXCLK0, at the first nibble of the preamble and
remains asserted until all the nibbles of a frame are
presented.
ETH_RXCLK0
Z
VI
I
Externally supplied receive clock.
•
25 MHz for 100 Mbps operation
•
2.5 MHz for 10 Mbps
Should be pulled low through a 10-K
Ω resistor when not
being utilized in the system.
ETH_RXDATA0[3:0]
Z
VI
I
Receive data bus from PHY, data sampled synchronously
with respect to ETH_RXCLK0
•
Should be pulled low through a 10-K
Ω resistor when
not being utilized in the system.
ETH_RXDV0
Z
VI
I
Receive data valid, used to inform the MII interface that the
Ethernet PHY is sending data. Should be pulled low
through a 10-K
Ω resistor when not being utilized in the
system.
ETH_COL0
Z
VI
I
Asserted by the PHY when a collision is detected by the
PHY. Should be pulled low through a 10-K
Ω resistor when
not being utilized in the system.
ETH_CRS0
Z
VI
I
Asserted by the PHY when the transmit medium or receive
medium is active. De-asserted when both the transmit and
receive medium are idle. Remains asserted throughout the
duration of a collision condition. PHY asserts CRS
asynchronously and de-asserts synchronously, with
respect to ETH_RXCLK0. Should be pulled low through a
10-K
Ω resistor when not being utilized in the system.
ETH_MDIO
Z
Z
I/O
Management data output. Provides the write data to both
PHY devices connected to each MII interface.
An external 1.5-K
Ω pull-up resistor is required.
Note:
If interfacing with a single Intel® LXT972 Fast Ethernet
Transceiver, and a 1.5K pull-up resistor is not used, the
NPE will ‘see’ 32 PHYs on the MII interface.
Should be pulled low through a 10-K
Ω resistor when not
being utilized in the system.
1.
While PWRON_RESET_N is deasserted use Power On Reset column for the pin state.
2.
After deassertion of PWRON_RESET_N, and deassertion of RESET_IN_N, and assertion of
PLL_LOCK, all signals reflect the value shown in the RESET column.
†
For a legend of the Type codes, see Table 5 on page 33.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com