| Electronic Components Datasheet Search |
|
SC1486AEVB Datasheet(PDF) 11 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SC1486AEVB Datasheet(HTML) 11 Page - Semtech Corporation |
|
11 / 29 page ![]() 11 2004 Semtech Corp. www.semtech.com SC1486A POWER MANAGEMENT Application Information (Cont.) Current Limit Circuit (Cont.) latches off due to output overvoltage (see Output Overvoltage Protection). Power Good Output Each controller has its own power good output. Power good is an open-drain output and requires a pull-up resistor. When the output voltage is 10% above or below its set voltage, PGD gets pulled low. It is held low until the output voltage returns to within 10% of the output set voltage. PGD is also held low during start-up and will not be allowed to transition high until soft start is over (440 switching cycles) and the output reaches 90% of its set voltage. There is a 5µs delay built into the PGD circuitry to prevent false transitions. Output Overvoltage Protection When the output exceeds 10% of the its set voltage the low-side MOSFET is latched on. It stays latched on and the controller is latched off until reset (see below). There is a 5µs delay built into the OV protection circuit to prevent false transitions. An OV fault in either controller will not cause the other one to shutdown. Note: to reset VDDQ from any fault, VCCA1 or EN/PSV1 must be toggled. To reset VTT from a fault, VCCA2 or REFIN must be toggled. Output Undervoltage Protection When the output is 30% below its set voltage the output is latched in a tri-stated condition. It stays latched and the controller is latched off until reset (see below). There is a 5µs delay built into the UV protection circuit to prevent false transitions. An UV fault in either controller will not cause the other one to shutdown. Note: to reset VDDQ from any fault, VCCA1 or EN/PSV1 must be toggled. To reset VTT from a fault, VCCA2 or REFIN must be toggled. POR, UVLO and Softstart An internal power-on reset (POR) occurs when VCCA1 and VCCA2 exceed 3V, resetting the fault latch and soft-start counter, and preparing the PWM for switching. VCCA undervoltage lockout (UVLO) circuitry inhibits switching and forces the DL gate driver high until VCCA rises above 4.2V. At this time the circuit will come out of UVLO and begin switching, and with the softstart circuit enabled, will progressively limit the output current (by limiting the current out of the ILIM pin) over a predetermined time period of 440 switching cycles. The ramp occurs in four steps: 1) 110 cycles at 25% ILIM with double minimum off-time 2) 110 cycles at 50% ILIM with normal minimum off-time 3) 110 cycles at 75% ILIM with normal minimum off-time 4) 110 cycles at 100% ILIM with normal minimum off-time. At this point the output undervoltage and power good circuitry is enabled. There is 100mV of hysteresis built into the UVLO circuit and when VCCA falls to 4.1V (nom.) the output drivers are shut down and tristated. MOSFET Gate Drivers The DH and DL drivers are optimized for driving moderate-sized high-side, and larger low-side power MOSFETs. An adaptive dead-time circuit monitors the DL output and prevents the high-side MOSFET from turning on until DL is fully off (below ~1V). Conversely, it monitors the phase node, LX, to determine the state of the high side MOSFET, and prevents the low-side MOSFET from turning on until DH is fully off (LX below ~1V). Be sure there is low resistance and low inductance between the DH and DL outputs to the gate of each MOSFET. DDR Reference Buffer The reference buffer is capable of driving 3mA and sinking 25µA. Since the output is class A, if additional sinking is required an external pulldown resistor can be added. Make sure that the ground side of this pulldown is tied to VSSA2. As with most opamps, a small resistor is required when driving a capacitive load. To ensure stability use either a 10 Ω resistor in series with a 1µF capacitor or a 100 Ω resistor in series with a 0.1µF capacitor from REFOUT to AGND2. Since it is possible to have as much as 10µF to 20µF of capacitance at the memory socket or on-board the DIMMs, it is recommended that a 0 Ω resistor is placed between REFOUT and the DIMM sockets. This allows the addition of extra resistance between REFOUT and the DIMMs to avoid spurious OVP at startup, which can occur if REFOUT rises really slowly and VTT overshoots it. The extra resistance allows REFOUT to rise faster, avoiding this issue. REFIN should also be filtered so that VDDQ ripple does not appear at the REFIN pin. If a resistor divider is used to create REFIN from VDDQ, then a 0.1µF capacitor from REFIN to VSSA2 will provide adequate filtering. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |