Electronic Components Datasheet Search
  English  ▼

X  

SC1486AEVB Datasheet(PDF) 25 Page - Semtech Corporation

Part # SC1486AEVB
Description  Dual Synchronous Buck DDR and DDR2 Power Supply Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1486AEVB Datasheet(HTML) 25 Page - Semtech Corporation

Back Button SC1486AEVB Datasheet HTML 21Page - Semtech Corporation SC1486AEVB Datasheet HTML 22Page - Semtech Corporation SC1486AEVB Datasheet HTML 23Page - Semtech Corporation SC1486AEVB Datasheet HTML 24Page - Semtech Corporation SC1486AEVB Datasheet HTML 25Page - Semtech Corporation SC1486AEVB Datasheet HTML 26Page - Semtech Corporation SC1486AEVB Datasheet HTML 27Page - Semtech Corporation SC1486AEVB Datasheet HTML 28Page - Semtech Corporation SC1486AEVB Datasheet HTML 29Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
25
 2004 Semtech Corp.
www.semtech.com
SC1486A
POWER MANAGEMENT
Typical Characteristics (Cont.)
VDDQ Load Transient Response,
Continuous Conduction Mode, 0A to 10A to 0A
Trace 1: VDDQ, 100mV/div., AC coupled
Trace 2: LX, 10V/div
Trace 3: not connected
Trace 4: load current, 10A/div
Timebase: 40µs/div.
Please refer to Figure 4 on Page 17 for test schematic
VDDQ Load Transient Response,
Continuous Conduction Mode, 0A to 10A Zoomed
VDDQ Load Transient Response,
Continuous Conduction Mode, 10A to 0A Zoomed
Trace 1: VDDQ, 50mV/div., AC coupled
Trace 2: LX, 10V/div
Trace 3: not connected
Trace 4: load current, 10A/div
Timebase: 10µs/div.
Trace 1: VDDQ, 20mV/div., AC coupled
Trace 2: LX, 10V/div
Trace 3: not connected
Trace 4: load current, 10A/div
Timebase: 10µs/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com