Electronic Components Datasheet Search
  English  ▼

X  

SC1486AEVB Datasheet(PDF) 18 Page - Semtech Corporation

Part # SC1486AEVB
Description  Dual Synchronous Buck DDR and DDR2 Power Supply Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1486AEVB Datasheet(HTML) 18 Page - Semtech Corporation

Back Button SC1486AEVB Datasheet HTML 14Page - Semtech Corporation SC1486AEVB Datasheet HTML 15Page - Semtech Corporation SC1486AEVB Datasheet HTML 16Page - Semtech Corporation SC1486AEVB Datasheet HTML 17Page - Semtech Corporation SC1486AEVB Datasheet HTML 18Page - Semtech Corporation SC1486AEVB Datasheet HTML 19Page - Semtech Corporation SC1486AEVB Datasheet HTML 20Page - Semtech Corporation SC1486AEVB Datasheet HTML 21Page - Semtech Corporation SC1486AEVB Datasheet HTML 22Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
18
 2004 Semtech Corp.
www.semtech.com
SC1486A
POWER MANAGEMENT
Application Information (Cont.)
Layout Guidelines (Cont.)
5VSUS
0402
C1
2n2/50V
Q2
IRF7811AV
1
2
3
4
5
6
7
8
S
S
S
G
D
D
D
D
SOD
0402
7343
0603
0402
323
R5 13k3
C2
0u1/25V
0603
R3
1M
R13
17k4
C10 0u1
D1
0402
R10
45k3
1210
+
C14
330u/25m
C20
1n
1.8V
0402
L1
2u4
5VSUS
C17
27p
PGOOD1
VCCA1
0402
R1 10R
VCCA1
0603
0603
VCCA1
R7
0R
0402
C3
10u/25V
U1
SC1486A
3
1
23
6
7
5
4
22
27
24
26
25
28
17
15
9
20
21
19
18
13
12
8
10
11
14
2
16
VDDP1
PGND1
TON1
DH1
BST1
LX1
ILIM1
EN/PSV1
PGD1
VOUT1
FB1
VCCA1
VSSA1
VDDP2
PGND2
TON2
DH2
BST2
LX2
ILIM2
PGD2
FB2
REFIN
REFOUT
VCCA2
VSSA2
DL1
DL2
C4
10u/25V
C21
1u
TON1
C8
1u
0402
0402
7343
+
C13
330u/25m
PGD1
R14 470k
Q3
FDS6676S
1
2
3
4
5
6
7
8
S
S
S
G
D
D
D
D
VSSA1
0402
0402
1.8V, 10A
PWR_SRC
1210
C12
0u1
Figure 5: VDDQ Side Detail
Note R7 is present to facilitate isolation of power ground and VSSA1 during layout
0603
PWR_SRC
L2
3u9
0.9V
0402
R2 10R
D2
0402
C9
1u
0402
1.8V
R11 10R
C19
0u1
7343
+
C15
220u/25m
R9 10k0
C6
0u1/25V
0603
0603
C16
0u1
PGD2
C11 0u1
U1
SC1486A
3
1
23
6
7
5
4
22
27
24
26
25
28
17
15
9
20
21
19
18
13
12
8
10
11
14
2
16
VDDP1
PGND1
TON1
DH1
BST1
LX1
ILIM1
EN/PSV1
PGD1
VOUT1
FB1
VCCA1
VSSA1
VDDP2
PGND2
TON2
DH2
BST2
LX2
ILIM2
PGD2
FB2
REFIN
REFOUT
VCCA2
VSSA2
DL1
DL2
Q1
FDS6982S
4
1
2
3
5
6
7
8
C5
10u/25V
0402
0402
0402
0402
R4
649k
R8
0R
C22
1u
R15 470k
SOD
5VSUS
0.9V, 1.5A
REFOUT
5VRUN
1210
C7
2n2/50V
0603
0402
323
0402
TON2
C23
1n
0603
0402
PGOOD2
VSSA2
C18
1u
VCCA2
VCCA2
R12
10k0
R6 4k32
0402
0402
Figure 6: VTT Side Detail
Note R8 is present to facilitate isolation of power ground and VSSA2 during layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com